Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3313 Datasheet(PDF) 14 Page - Monolithic Power Systems

Part # MP3313
Description  3-Channel, Max 38V Output, Linear/Exponential, Analog Dimming, Step-Up WLED Driver with I2C
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3313 Datasheet(HTML) 14 Page - Monolithic Power Systems

Back Button MP3313 Datasheet HTML 10Page - Monolithic Power Systems MP3313 Datasheet HTML 11Page - Monolithic Power Systems MP3313 Datasheet HTML 12Page - Monolithic Power Systems MP3313 Datasheet HTML 13Page - Monolithic Power Systems MP3313 Datasheet HTML 14Page - Monolithic Power Systems MP3313 Datasheet HTML 15Page - Monolithic Power Systems MP3313 Datasheet HTML 16Page - Monolithic Power Systems MP3313 Datasheet HTML 17Page - Monolithic Power Systems MP3313 Datasheet HTML 18Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
MP3313 – 3-CHANNEL, LINEAR/EXPONENTIAL DIMMING, WLED DRIVER W/ I2C
MP3313 Rev1.0
www.MonolithicPower.com
14
8/2/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
output voltage of the error amplifier, the LS-FET
is turned off. Then the inductor current flows
through the free-wheeling diode, which forces
the inductor current to decrease. The output
voltage of the internal error amplifier is an
amplified signal of the difference between the
reference voltage and the feedback voltage
from the LED load cathode. The converter
chooses the lowest active LEDx pin voltage
automatically to provide a high enough bus
voltage to power all of the LED arrays. If the
feedback voltage drops below the reference, the
output of the error amplifier increases. This
results in more current flowing through the
LS-FET and delivers more power to the output.
This forms a closed control loop that regulates
the output voltage.
LED String Selection
There are three LED strings for the MP3313,
and each string has an independent EN bit. This
allows
for
1-string,
2-string,
or
3-string
application. By default, all three strings are
enabled.
Flash Mode
The MP3313 can also work in flash mode by
setting the FL_EN bit to 1. The flash time
depends on the FL_T bit and ranges from 50 -
800ms. The flash current is set by I_FL bit.
When flash mode is enabled, the inductor
peak-current limit value jumps to the flash
current limit automatically, which is set by the
FL_CL bit (2.5A/3A selectable), and the LED
current jumps to the flash current. When the
flash is timed out, the LED current and inductor
peak current limit returns to backlight mode, and
the FL_EN bit is reset to 0. When protection is
triggered during the flash, flash mode ends, and
the FL_EN bit is reset.
Dimming Control
The MP3313 supports ultra-high resolution
analog dimming by converting the PWM input
signal or internal register code to the 11-bit
brightness code. Two kinds of LED current
dimming
curve
are
available:
linear
and
exponential mapping.
The MP3313 converts the external PWM signal
into an internal reference via the duty detection
circuit
to
regulate
the
current
linearly
or
exponentially.
Calculate
the
linear
analog
dimming
with
Equation (1):
ILED
I
40.806 A 12.195 A Code
 
 
(1)
Where Code ranges from 1 to 2047. Code 0
sets the LED current to 0.
Calculate the exponential analog dimming with
Equation (2):
Code
ILED
I
51.1 A 1.003040572
 
(2)
Where Code ranges from 1 to 2047. Code 0
sets the LED current to 0.
Figure 2 shows the linear and exponential
dimming curve for the LED current.
Figure 2: LED Current for Each Channel with
Brightness Code
LED Current Ramp Up/Down
The
LED
current
ramps
up
and
down
step-by-step from one brightness code to the
next when the LED current slope function is
enabled by setting the SLPEN bit to 1. The ramp
time can be calculated with Equation (3):
RAMP
t
RAMP (Code1 Code0 1)
(3)
Where RAMP is the slope rate set by the TSLP
bit, Code 0 is the original brightness point, and
Code 1 is the target brightness point.
PWM Sample Frequency
Three different sample frequencies can be
chosen for the input PWM dimming signal for
the MP3313.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com