Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3313 Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MP3313
Description  3-Channel, Max 38V Output, Linear/Exponential, Analog Dimming, Step-Up WLED Driver with I2C
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3313 Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MP3313 Datasheet HTML 7Page - Monolithic Power Systems MP3313 Datasheet HTML 8Page - Monolithic Power Systems MP3313 Datasheet HTML 9Page - Monolithic Power Systems MP3313 Datasheet HTML 10Page - Monolithic Power Systems MP3313 Datasheet HTML 11Page - Monolithic Power Systems MP3313 Datasheet HTML 12Page - Monolithic Power Systems MP3313 Datasheet HTML 13Page - Monolithic Power Systems MP3313 Datasheet HTML 14Page - Monolithic Power Systems MP3313 Datasheet HTML 15Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
MP3313 – 3-CHANNEL, LINEAR/EXPONENTIAL DIMMING, WLED DRIVER W/ I2C
MP3313 Rev1.0
www.MonolithicPower.com
11
8/2/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin #
Name
I/O
Description
A1
LED1
I
Current sink for LED1.
A2
A0
I
LSB of I2C interface address select. If A0 is floating, it must be pulled up or
down externally. If A0 is pulled low, the I2C address LSB is 0. If A0 is pulled
high, the I2C address LSB is 1.
A3
GND
I
Ground.
B1
LED2
I
Current sink for LED2.
B2
SDA
I/O
I2C interface data signal input.
B3
SW
I
Drain connection of the internal low-side MOSFET for boost converter.
C1
LED3
I
Current sink for LED3.
C2
SCL
I
I2C interface clock signal input.
C3
OUT
O
Boost converter output connection.
D1
PWM
I
PWM dimming input signal. Apply a 50Hz to 50kHz PWM pulse to the PWM
pin for analog dimming.
D2
EN
I
IC enable input. Drive EN to logic high to enable the IC. Drive EN to logic low
longer than 2.5ms to shut down the IC.
D3
VIN
I
Power supply input with 2.7V to 5.5V. Connect a ceramic capacitor close to
VIN to bypass the IC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com