Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3313 Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP3313
Description  3-Channel, Max 38V Output, Linear/Exponential, Analog Dimming, Step-Up WLED Driver with I2C
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3313 Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP3313 Datasheet HTML 1Page - Monolithic Power Systems MP3313 Datasheet HTML 2Page - Monolithic Power Systems MP3313 Datasheet HTML 3Page - Monolithic Power Systems MP3313 Datasheet HTML 4Page - Monolithic Power Systems MP3313 Datasheet HTML 5Page - Monolithic Power Systems MP3313 Datasheet HTML 6Page - Monolithic Power Systems MP3313 Datasheet HTML 7Page - Monolithic Power Systems MP3313 Datasheet HTML 8Page - Monolithic Power Systems MP3313 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
MP3313 – 3-CHANNEL, LINEAR/EXPONENTIAL DIMMING, WLED DRIVER W/ I2C
MP3313 Rev1.0
www.MonolithicPower.com
5
8/2/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN = 3.6V, VEN = VPWM = high, typical values are at TA = 25°C, unless otherwise noted.
Parameters
Symbol
Condition
Min
Typ
Max
Unit
Power Supply
Operating input voltage
VIN
2.7
5.5
V
Supply current (quiescent)
IQ
VIN = 3.6V, VEN = VPWM = high,
no switching, I2C active
2.4
2.7
mA
Supply current (shutdown)
IST
VEN = 0V, VIN = 3.6V
1
μA
Input UVLO threshold
VIN_UVLO
Rising edge
2.4
2.6
V
Input UVLO hysteresis
200
mV
Oscillator
Switching frequency
fSW
FS bit = 1
950
1000
1050
kHz
FS bit = 0
475
500
525
kHz
Maximum duty cycle
DMAX
FSW = 500kHz
93
95
%
FSW = 1.0MHz
90
93
%
Minimum on time
TON_MIN
100
ns
Power Switch
Switch on resistance
RDSON
VIN = 3.6V
300
m
Current Regulation
Minimum output current
ILED_min
Linear/exponential mode
50
μA
Maximum output current
ILED_max
Linear/exponential mode
25
mA
LEDx regulation voltage
VREG
ILED = 25mA
220
mV
ILED = 5mA
130
mV
Current accuracy
ILED = 250
μA - 25mA, 2.7 - 5V,
linear/exponential dimming
-3
0.1
3
%
Current matching (5)
ILED = 5 - 25mA, 2.7 - 5V,
linear/exponential dimming
-1
0.1
1
%
ILED = 250
μA - 5mA, 2.7 - 5V,
linear/exponential dimming
-1
0.1
2
%
EN and PWM Logic
PWM input low threshold
VPWM_LO
VPWM falling
0.4
V
PWM input high threshold
VPWM_HI
VPWM rising
1.2
V
EN low voltage
VEN_LOW
VEN falling
0.4
V
EN high voltage
VEN_HIGH
VEN rising
1.2
V
EN and PWM pull-down
resistor
RPD
1
M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com