Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3398D Datasheet(PDF) 15 Page - Monolithic Power Systems

Part # MP3398D
Description  4-String, Max 350mA/String, Step-Up, White LED Controller with Analog and PWM Dimming
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3398D Datasheet(HTML) 15 Page - Monolithic Power Systems

Back Button MP3398D Datasheet HTML 11Page - Monolithic Power Systems MP3398D Datasheet HTML 12Page - Monolithic Power Systems MP3398D Datasheet HTML 13Page - Monolithic Power Systems MP3398D Datasheet HTML 14Page - Monolithic Power Systems MP3398D Datasheet HTML 15Page - Monolithic Power Systems MP3398D Datasheet HTML 16Page - Monolithic Power Systems MP3398D Datasheet HTML 17Page - Monolithic Power Systems MP3398D Datasheet HTML 18Page - Monolithic Power Systems MP3398D Datasheet HTML 19Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
MP3398D – 4-STRING, 350MA/STRING, STEP-UP, WHITE LED CONTROLLER
MP3398D Rev. 1.0
www.MonolithicPower.com
15
5/23/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
Selecting the Power MOSFET
The MP3398D is capable of driving a wide
variety of N-channel power MOSFETs. The
critical parameters for selecting a MOSFET are
maximum
drain-to-source
voltage
(VDS(MAX)),
maximum current (ID(MAX)), on-resistance (RDS(ON)),
gate-source charge (QGS) and gate-drain charge
(QGD), and total gate charge (QG).
Ideally, the off-state voltage across the MOSFET
should equal the output voltage. Considering the
voltage spike when the MOSFET turns off,
VDS(MAX) should be greater than 1.5 times the
output voltage.
The
maximum
current
through
the
power
MOSFET occurs at the minimum input voltage
and the maximum output power. The maximum
RMS current through the MOSFET is given by
Equation (7):
RMS(MAX)
IN(MAX)
MAX
I
ID
=
×
(7)
DMAX can be calculated with Equation (8):
OUT
IN(MIN)
MAX
OUT
VV
D
V
−
≈
(8)
The current rating of the MOSFET should be
greater than 1.5 times IRMS. The on resistance of
the MOSFET determines the conduction loss,
which is given by Equation (9):
k
R
I
P
(ON)
DS
2
RMS
cond
×
×
=
(9)
Where k is the temperature coefficient of the
MOSFET.
The switching loss is related to QGD and QGS1,
which determine the commutation time. QGS1 is
the charge between the threshold voltage and
the plateau voltage when a driver charges the
gate, which can be read in the VGS vs. QG chart in
the MOSFET datasheet. QGD is the charge during
the plateau voltage. These two parameters are
needed to estimate the turn-on and turn-off
losses, and can be calculated with Equation (10):
SW
IN
DS
PLT
DR
G
GD
SW
IN
DS
TH
DR
G
GS1
SW
f
I
V
V
V
R
Q
f
I
V
V
V
R
Q
P
×
×
×
−
×
+
×
×
×
−
×
=
(10)
Where VTH is the threshold voltage, VPLT is the
plateau voltage, RG is the gate resistance, and
VDS is the drain-source voltage.
Please note that calculating the switching loss is
the most difficult part in loss estimation. The
formula above provides a simplified equation. For
more accurate estimates, the equation becomes
much more complex.
The total gate charge (QG) is used to calculate
the gate drive loss and can be calculated with
Equation (11):
SW
DR
G
DR
f
V
Q
P
×
×
=
(11)
Where VDR is the drive voltage.
Selecting the Output Capacitor
The output capacitor keeps the output voltage
ripple small and ensures feedback loop stability.
The output capacitor impedance must be low at
the switching frequency. Ceramic capacitors with
X7R dielectrics are recommended for their low
ESR characteristics. For most applications, a
4.7
μF ceramic capacitor in parallel with a 22μF
electrolytic capacitor is sufficient.
Setting the Over-Voltage Protection (OVP)
Open-string protection is achieved through the
detection of the voltage on the OVP pin. In some
cases, an LED string failure results in the
feedback voltage always being zero. The part
then continues boosting the output voltage higher
and higher. If the output voltage reaches the
programmed OVP threshold, the protection is
triggered.
To ensure that the chip functions properly, select
the resistor values for the OVP resistor divider to
provide
an
appropriate
set
voltage.
The
recommended OVP point is about 1.1 to 1.2
times higher than the output voltage for normal
operation. The OVP voltage can be calculated
with Equation (12):
HIGH
OVP
LOW
R
V
1.23 (1
)
R
=
× +
(12)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com