Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3398D Datasheet(PDF) 14 Page - Monolithic Power Systems

Part # MP3398D
Description  4-String, Max 350mA/String, Step-Up, White LED Controller with Analog and PWM Dimming
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3398D Datasheet(HTML) 14 Page - Monolithic Power Systems

Back Button MP3398D Datasheet HTML 10Page - Monolithic Power Systems MP3398D Datasheet HTML 11Page - Monolithic Power Systems MP3398D Datasheet HTML 12Page - Monolithic Power Systems MP3398D Datasheet HTML 13Page - Monolithic Power Systems MP3398D Datasheet HTML 14Page - Monolithic Power Systems MP3398D Datasheet HTML 15Page - Monolithic Power Systems MP3398D Datasheet HTML 16Page - Monolithic Power Systems MP3398D Datasheet HTML 17Page - Monolithic Power Systems MP3398D Datasheet HTML 18Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
MP3398D – 4-STRING, 350MA/STRING, STEP-UP, WHITE LED CONTROLLER
MP3398D Rev. 1.0
www.MonolithicPower.com
14
5/23/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
APPLICATION INFORMATION
Selecting the Switching Frequency
The switching frequency of the step-up converter
is recommended to be between 100kHz and
500kHz for most applications. An oscillator
resistor on OSC sets the internal oscillator
frequency for the step-up converter according to
Equation (1):
SW
OSC
67320
F
(kHz)
R
(k )
=
W
(1)
When ROSC = 374
kΩ, the switching frequency is
set to 180kHz.
Setting the LED Current
Each LED string current can be set through the
current setting resistor on ISET and can be
calculated with Equation (2):
LED
ISET
810 1.24(V)
I
(mA)
R
(k
Ω)
×
=
(2)
When RISET = 8.37
kΩ, the LED current is set to
120mA. Do not leave ISET open.
Selecting the Input Capacitor
The input capacitor reduces the surge current
drawn from the input supply and the switching
noise from the device. The input capacitor
impedance at the switching frequency should be
less than the input source impedance to prevent
the
high-frequency
switching
current
from
passing through to the input. Ceramic capacitors
with X5R or X7R dielectrics are recommended
for
their
low
ESR
and
small
temperature
coefficients. For most applications
, use a 4.7μF
ceramic capacitor in parallel with a 220µF
electrolytic capacitor.
Selecting the Inductor and Current Sensing
Resistor
The MP3398D requires an inductor to supply a
higher output voltage while being driven by the
input voltage. A larger value inductor results in
less ripple current, resulting in lower peak
inductor current and reducing stress on the N-
channel MOSFET. However, the larger value
inductor also has a larger physical size, higher
series resistance, and lower saturation current.
Choose an inductor that will not saturate under
worst-case load conditions. Select a minimum
inductor value that ensures that the boost
converter works in continuous conduction mode
with high efficiency and good EMI performance.
Calculate the required inductance value using
Equation (3) and Equation (4):
2
OUT
SW
LOAD
ηV
D (1 D)
L
2
f
I
×
×
×−
≥
××
(3)
IN
OUT
V
D1
V
= −
(4)
Where VIN is the input voltage, VOUT is the output
voltage, fSW is the switching frequency, ILOAD is
the LED load current, and η is the efficiency.
The switching current is used for peak-current-
mode control, typically. To avoid hitting the
current limit, the voltage across the sensing
resistor (RSENSE) must measure less than 80% of
the worst-case current-limit voltage (VSENSE).
Calculate RSENSE and IL(PEAK) with Equation (5)
and Equation (6):
SENSE
L(PEAK)
0.8 VSENSE
R
I
×
=
(5)
OUT
LOAD
IN
OUT
IN
L(PEAK)
IN
SW
OUT
V
I
V
(V
V )
I
ηV
2L F
V
×
×−
=
+
× ×
×
(6)
Where IL(PEAK) is the peak value of the inductor
current. VSENSE is shown in Figure 2.
Figure 2: VSENSE vs. Duty Cycle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com