Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3398D Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP3398D
Description  4-String, Max 350mA/String, Step-Up, White LED Controller with Analog and PWM Dimming
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3398D Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP3398D Datasheet HTML 1Page - Monolithic Power Systems MP3398D Datasheet HTML 2Page - Monolithic Power Systems MP3398D Datasheet HTML 3Page - Monolithic Power Systems MP3398D Datasheet HTML 4Page - Monolithic Power Systems MP3398D Datasheet HTML 5Page - Monolithic Power Systems MP3398D Datasheet HTML 6Page - Monolithic Power Systems MP3398D Datasheet HTML 7Page - Monolithic Power Systems MP3398D Datasheet HTML 8Page - Monolithic Power Systems MP3398D Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
MP3398D
4-String, Max 350mA/String, Step-Up,
White LED Controller with
Analog and PWM Dimming
MP3398D Rev. 1.0
www.MonolithicPower.com
1
5/23/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
DESCRIPTION
The MP3398D is a step-up controller with four
current channels designed to drive WLED
arrays
for
large
LCD
panel
backlighting
applications. The MP3398D allows for flexible
expansion of the number of LED channels by
two or more ICs in parallel sharing a single
inductive power source.
The MP3398D employs peak-current mode with
a fixed switching frequency. The frequency is
programmable by an external setting resistor.
The MP3398D drives an external MOSFET to
boost up the output voltage from a 5V to 28V
input supply and can regulate the current in
each LED string to the value set by an external
current-setting resistor.
The MP3398D applies four internal current
sources for current balancing. The current
matching can achieve 2.5% regulation accuracy
between strings. The low regulation voltage on
the LED current sources reduces power loss.
The MP3398D can support both analog and
PWM dimming independently to meet different
dimming
mode
requests.
Full
protection
features include over-current protection (OCP),
over-temperature
protection
(OTP),
under-
voltage
protection
(UVP),
over-voltage
protection (OVP), LED short/open protection,
and inductor/diode short protection.
The MP3398D is available in SOIC16 and
SOIC20 packages.
FEATURES
• 4-String, 350mA/String Max WLED Driver
• 5V-to-28V Input Voltage Range
• 2.5% Current Matching Accuracy between
Strings
• Programmable Switching Frequency
• PWM and Analog Dimming Mode
• Cascading Capability with a Single Power
Source
• LED Open and Short LED Protection
• Programmable Over-Voltage Protection
(OVP)
• Recoverable Thermal Shutdown
• Over-Current Protection (OCP)
• Inductor/Diode Short Protection
• Under-Voltage Lockout (UVLO)
• Available in SOIC16 and SOIC20 Packages
APPLICATIONS
• Desktop LCD Flat-Panel Displays
• Flat-Panel Video Displays
• 2D/3D LCD TVs and Monitors
All MPS parts are lead-free, halogen-free, and adhere to the RoHS directive. For
MPS green status, please visit the MPS website under Quality Assurance.
“MPS” and “The Future of Analog IC Technology” are registered trademarks of
Monolithic Power Systems, Inc.
TYPICAL APPLICATION
VCC
COMP
EN
OSC
ADIM
ISET
MP3398D
16
1
2
5
7
6
C1
L1
VIN
GND
C2
VOUT
C3
R1
R2
VIN
15
PWM
3
R4
GATE
ISENSE
GND
OVP
LED1
LED2
LED3
LED4
D1
14
13
4
12
11
10
9
8
R3
C4
R5
R6


Similar Part No. - MP3398D

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP3398A MPS-MP3398A Datasheet
1,022Kb / 20P
Step up, 4 strings, Max. 350mA/string Analog and PWM dimming, White LED Controller
MP3398AGF MPS-MP3398AGF Datasheet
1,022Kb / 20P
Step up, 4 strings, Max. 350mA/string Analog and PWM dimming, White LED Controller
MP3398AGS MPS-MP3398AGS Datasheet
1,022Kb / 20P
Step up, 4 strings, Max. 350mA/string Analog and PWM dimming, White LED Controller
MP3398AGS MPS-MP3398AGS Datasheet
591Kb / 6P
4 strings 350mA White LED Driver Evaluation Board
MP3398AGY MPS-MP3398AGY Datasheet
1,022Kb / 20P
Step up, 4 strings, Max. 350mA/string Analog and PWM dimming, White LED Controller
More results

Similar Description - MP3398D

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP3394 MPS-MP3394 Datasheet
401Kb / 17P
Step-up, 4-String Max 200mA/String White LED Driver
MP3394S MPS-MP3394S Datasheet
425Kb / 17P
Step-Up, 4-String Max 200mA/String White LED Driver
MP3397 MPS-MP3397 Datasheet
396Kb / 16P
Step-Up, 4-String Max 350mA/String White LED Driver
MPQ3387L MPS-MPQ3387L Datasheet
487Kb / 17P
Step-up, 6 strings, Max. 45mA/string, Combined Analog and PWM dimming, White LED Driver AEC-Q100 Qualified
MP3387A MPS-MP3387A Datasheet
443Kb / 16P
6-String, Max 80mA/String, Step-Up, White LED Driver with Combined Analog and PWM Dimming
MP3387L MPS-MP3387L Datasheet
821Kb / 14P
Step-up, 6 strings, Max.45mA/string, Combined Analog and PWM dimming, White LED Driver
MP3398A MPS-MP3398A Datasheet
1,022Kb / 20P
Step up, 4 strings, Max. 350mA/string Analog and PWM dimming, White LED Controller
MP3398E MPS-MP3398E Datasheet
1,004Kb / 17P
4-String, Max 400mA/String, 80V Return, Step-Up, WLED Controller
logo
Leadtrend Technology
LD5805 LEADTREND-LD5805 Datasheet
756Kb / 18P
Step up, 4 strings, Max. 250mA/string, Multi-dimming mode WLED Backlight Controller
logo
Monolithic Power System...
MP3383 MPS-MP3383 Datasheet
970Kb / 23P
4-String, Max 400mA/String, Max 80V VOUT, Step-Up WLED Controller
Rev. 1.0 5/2/2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com