Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3398D Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP3398D
Description  4-String, Max 350mA/String, Step-Up, White LED Controller with Analog and PWM Dimming
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3398D Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP3398D Datasheet HTML 1Page - Monolithic Power Systems MP3398D Datasheet HTML 2Page - Monolithic Power Systems MP3398D Datasheet HTML 3Page - Monolithic Power Systems MP3398D Datasheet HTML 4Page - Monolithic Power Systems MP3398D Datasheet HTML 5Page - Monolithic Power Systems MP3398D Datasheet HTML 6Page - Monolithic Power Systems MP3398D Datasheet HTML 7Page - Monolithic Power Systems MP3398D Datasheet HTML 8Page - Monolithic Power Systems MP3398D Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
MP3398D – 4-STRING, 350MA/STRING, STEP-UP, WHITE LED CONTROLLER
MP3398D Rev. 1.0
www.MonolithicPower.com
3
5/23/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
ABSOLUTE MAXIMUM RATINGS
(1)
VIN .............................................. -0.3V to +30V
VGATE........................................... -0.3V to +6.5V
VCC............................................ -0.3V to +6.8V
VLED1 to VLED4 .................................. -1V to +55V
VISENSE......................................... -0.5V to +6.5V
All other pins................................. -0.3V to VCC
Continuous power dissipation (TA = 25°C)
(2)
SOIC16…………………………………….. 1.56W
SOIC20……………………………………..1.74W
Junction temperature ............................... 150°C
Lead temperature .................................... 260°C
ESD capability human body mode (all pins)
.................................................................3.5kV
Recommended Operating Conditions
(3)
Supply voltage (VIN).......................... 5V to 28V
LED current (backlight) ............10mA to 350mA
Operating junction temp. (TJ). .. -40°C to +125°C
Thermal Resistance
(4)
θJA θJC
SOIC16…………………………80….. 35....... °C/W
SOIC20...................………….72......30....... °C/W
NOTES:
1) Exceeding these ratings may damage the device. The voltage
is measured with a 20MHz bandwidth limited oscilloscope.
2) The maximum allowable power dissipation is a function of the
maximum junction temperature TJ (MAX), the junction-to-
ambient thermal
resistance θ
JA, and the ambient temperature
TA. The maximum allowable continuous power dissipation at
any ambient temperature is calculated by PD (MAX) = (TJ
(MAX)-TA
)/θ
JA.
Exceeding the maximum allowable power
dissipation produces an excessive die temperature, causing
the regulator to go into thermal shutdown. Internal thermal
shutdown circuitry protects the device from permanent
damage.
3) The device is not guaranteed to function outside of its
operating conditions.
4) Measured on JESD51-7, 4-layer PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com