Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3398D Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MP3398D
Description  4-String, Max 350mA/String, Step-Up, White LED Controller with Analog and PWM Dimming
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3398D Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MP3398D Datasheet HTML 9Page - Monolithic Power Systems MP3398D Datasheet HTML 10Page - Monolithic Power Systems MP3398D Datasheet HTML 11Page - Monolithic Power Systems MP3398D Datasheet HTML 12Page - Monolithic Power Systems MP3398D Datasheet HTML 13Page - Monolithic Power Systems MP3398D Datasheet HTML 14Page - Monolithic Power Systems MP3398D Datasheet HTML 15Page - Monolithic Power Systems MP3398D Datasheet HTML 16Page - Monolithic Power Systems MP3398D Datasheet HTML 17Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
MP3398D – 4-STRING, 350MA/STRING, STEP-UP, WHITE LED CONTROLLER
MP3398D Rev. 1.0
www.MonolithicPower.com
13
5/23/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
Open-String Protection
Open-string protection is achieved through the
OVP and LEDX (1 to 4) pins. If one or more
strings are open, the respective LEDX pins are
pulled to ground, and the IC continues charging
the output voltage until it reaches the OVP
threshold. If the OVP point has been triggered
for more than 4µs, the chip stops switching and
marks the strings that have an LEDX pin
voltage lower than 200mV. Once marked, the
remaining LED strings force the output voltage
back into tight regulation. The string with the
largest voltage drop determines the output
regulation.
The MP3398D always attempts to light at least
one string. If all strings are open, the MP3398D
shuts down the step-up converter. The strings
remain in this marked state until the chip resets.
Short-String Protection
The MP3398D monitors the LEDX pin voltages
to determine if a short-string fault has occurred.
If
one or
more strings are shorted,
the
respective LEDX pins tolerate high voltage
stress. If an LEDX pin voltage is higher than
6.3V, this condition triggers the detection of a
short string. When a short-string fault (LEDX
over-voltage fault) remains for 4096 switching
cycles, the fault string is marked off and
disabled. Once a string is marked off, it
disconnects from the output voltage loop. The
marked LED strings shut off completely until the
part restarts. Short LED protection can be
mistriggered by two events: when open LED
protection is triggered, or when the PWM duty
on ADIM goes from high to low in a short
amount of time. To prevent this, the short LED
protection function is disabled when VLEDX of all
of the working LED channels are higher than
1.5V.
Inductor and Diode Short Protection
To protect the IC and external MOSFET from
damage caused when the external inductor is
shorted, the MP3398D uses two protection
mode methods.
The first method occurs when the inductor is
shorted. The output is unable to maintain
enough energy to load the LED, causing the
output voltage to drop. Thus, the COMP voltage
(error amplifier output) rises until it is clamped
high. When the COMP voltage lasts for more
than 512 switching cycles, the IC turns off and
latches.
The second method occurs in cases where the
COMP voltage cannot be clamped high when
the inductor is shorted. The IC detects the
current flowing through the power MOSFET.
When the current sense voltage across the
sense resistor (connected between MOSFET
and GND) reaches the VLMT value and lasts for
four switching cycles, the IC turns off and
latches.
Thermal Shutdown
To prevent the IC from operating at exceedingly
high temperatures, the MP3398D implements
thermal shutdown by detecting the silicon die
temperature.
When
the
die
temperature
exceeds the upper threshold (TST), the IC shuts
down and resumes normal operation when the
die
temperature
drops
below
the
lower
threshold. Typically, the hysteresis value is
25°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com