Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3398D Datasheet(PDF) 10 Page - Monolithic Power Systems

Part # MP3398D
Description  4-String, Max 350mA/String, Step-Up, White LED Controller with Analog and PWM Dimming
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3398D Datasheet(HTML) 10 Page - Monolithic Power Systems

Back Button MP3398D Datasheet HTML 6Page - Monolithic Power Systems MP3398D Datasheet HTML 7Page - Monolithic Power Systems MP3398D Datasheet HTML 8Page - Monolithic Power Systems MP3398D Datasheet HTML 9Page - Monolithic Power Systems MP3398D Datasheet HTML 10Page - Monolithic Power Systems MP3398D Datasheet HTML 11Page - Monolithic Power Systems MP3398D Datasheet HTML 12Page - Monolithic Power Systems MP3398D Datasheet HTML 13Page - Monolithic Power Systems MP3398D Datasheet HTML 14Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
MP3398D – 4-STRING, 350MA/STRING, STEP-UP, WHITE LED CONTROLLER
MP3398D Rev. 1.0
www.MonolithicPower.com
10
5/23/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
PIN FUNCTIONS (continued)
SOIC16
Pin #
SOIC20
Pin #
Name
Description
13
17
ISENSE
Current sense input. During normal operation, ISENSE senses the voltage
across the external inductor current-sensing resistor (RSENSE) for peak-current-
mode control and to limit the inductor current during every switching cycle. If
ISENSE is not used for cascading applications, tie it to GND. Do not leave
ISENSE floating.
14
18
GATE
Step-up converter power switch gate output. GATE drives the external
power N-channel MOSFET device.
15
19
VIN
Supply input. VIN supplies power to the chip and the step-up converter switch.
Drive VIN with a 5V-to-28V power source. Must be bypassed locally.
16
20
VCC
Internal 6V linear regulator output. VCC provides a power supply for the
external MOSFET switch gate driver and the internal control circuitry. Bypass
VCC to GND with a ceramic capacitor.
4, 6,
15, 16
NC
No connection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com