Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3398D Datasheet(PDF) 16 Page - Monolithic Power Systems

Part # MP3398D
Description  4-String, Max 350mA/String, Step-Up, White LED Controller with Analog and PWM Dimming
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3398D Datasheet(HTML) 16 Page - Monolithic Power Systems

Back Button MP3398D Datasheet HTML 11Page - Monolithic Power Systems MP3398D Datasheet HTML 12Page - Monolithic Power Systems MP3398D Datasheet HTML 13Page - Monolithic Power Systems MP3398D Datasheet HTML 14Page - Monolithic Power Systems MP3398D Datasheet HTML 15Page - Monolithic Power Systems MP3398D Datasheet HTML 16Page - Monolithic Power Systems MP3398D Datasheet HTML 17Page - Monolithic Power Systems MP3398D Datasheet HTML 18Page - Monolithic Power Systems MP3398D Datasheet HTML 19Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
MP3398D – 4-STRING, 350MA/STRING, STEP-UP, WHITE LED CONTROLLER
MP3398D Rev. 1.0
www.MonolithicPower.com
16
5/23/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
Selecting the Dimming Control Mode
The MP3398D provides two different dimming
methods: direct and analog.
1. Direct PWM Dimming
An external PWM dimming signal is employed to
achieve PWM dimming control. Apply a PWM
dimming signal between 200Hz to 20kHz to
PWM. The minimum recommended amplitude of
the PWM signal is 1.4V, and the low level should
be less than 0.6V (see Table 1).
Table 1: The Range of PWM Dimming Duty
fPWM (Hz)
Dmin
Dmax
100 < f
≤ 200
0.30%
100%
200 < f
≤ 500
0.75%
100%
500 < f
≤ 1k
1.50%
100%
1k < f
≤ 2k
3.00%
100%
2k < f
≤ 5k
7.50%
100%
5k < f
≤ 10k
15.00%
100%
10k < f
≤ 20k
30.00%
100%
2. Analog Dimming
For analog dimming, apply a PWM signal to
ADIM. An internal RC filter (10M
Ω resistor and
100pF capacitor) is integrated into ADIM. If a
PWM signal is applied to ADIM, use a frequency
greater than 20kHz to achieve a better PWM
signal filtering performance and ensure that the
amplitude voltage is higher than 1.4V and the low
level voltage is less than 0.6V.
Expanding LED Channels
The MP3398D can expand the number of LED
channels by using two or three devices in
parallel. To connect two MP3398D devices for a
total of eight LED strings, tie the VCC pins of the
master IC and the slave IC together to power the
slave IC internal logic circuitry. Tie the COMP
pins of the slave IC and the master IC together to
regulate the voltage of all eight LED strings. The
slave IC MOSFET driving signals are not used;
the boost converter can only be driven by the
master IC. Do not leave ISENSE of the slave IC
floating; tie it to ground. Apply the EN and DIM
signals to both ICs.
PCB Layout Guidelines
Efficient
PCB
layout
is
critical
for
stable
operation. The circuit layout for the MP3398D
requires special attention to reduce EMI noise.
For best results, refer to Figure 3 and follow the
guidelines below.
1. Keep the loop from the external MOSFET
(M1), through the output diode (D1) and the
output capacitor (C2, C3) as small and short
as possible, since it carries a high-frequency
pulse current.
2. Separate the power ground (PGND) and
signal ground (GND).
3. Connect PGND and GND together to reduce
noise. All logic signals refer to the signal
ground.
Figure 3: Layout Consideration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com