Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3398D Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP3398D
Description  4-String, Max 350mA/String, Step-Up, White LED Controller with Analog and PWM Dimming
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3398D Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP3398D Datasheet HTML 1Page - Monolithic Power Systems MP3398D Datasheet HTML 2Page - Monolithic Power Systems MP3398D Datasheet HTML 3Page - Monolithic Power Systems MP3398D Datasheet HTML 4Page - Monolithic Power Systems MP3398D Datasheet HTML 5Page - Monolithic Power Systems MP3398D Datasheet HTML 6Page - Monolithic Power Systems MP3398D Datasheet HTML 7Page - Monolithic Power Systems MP3398D Datasheet HTML 8Page - Monolithic Power Systems MP3398D Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
MP3398D – 4-STRING, 350MA/STRING, STEP-UP, WHITE LED CONTROLLER
MP3398D Rev. 1.0
www.MonolithicPower.com
2
5/23/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
ORDERING INFORMATION
Part Number
Package
Top Marking
MP3398DGS*
SOIC16
See Below
MP3398DGY**
SOIC20
* For Tape & Reel, add suffix –Z (e.g. MP3398DGS–Z)
** For Tape & Reel, add suffix –Z (e.g. MP3398DGY–Z)
TOP MARKING (MP3398DGS)
MPS: MPS prefix
YY: Year code
WW: Week code
MP3398D: Part number
LLLLLLLLL: Lot number
PACKAGE REFERENCE
TOP VIEW
TOP VIEW
14
13
12
11
16
15
7
8
10
9
3
4
5
6
1
2
LED2
LED3
LED1
VCC
VIN
GATE
ISENSE
OVP
OSC
COMP
EN
LED 4
PWM
ISET
GND
ADIM
SOIC16
SOIC20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com