Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3398D Datasheet(PDF) 9 Page - Monolithic Power Systems

Part # MP3398D
Description  4-String, Max 350mA/String, Step-Up, White LED Controller with Analog and PWM Dimming
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3398D Datasheet(HTML) 9 Page - Monolithic Power Systems

Back Button MP3398D Datasheet HTML 5Page - Monolithic Power Systems MP3398D Datasheet HTML 6Page - Monolithic Power Systems MP3398D Datasheet HTML 7Page - Monolithic Power Systems MP3398D Datasheet HTML 8Page - Monolithic Power Systems MP3398D Datasheet HTML 9Page - Monolithic Power Systems MP3398D Datasheet HTML 10Page - Monolithic Power Systems MP3398D Datasheet HTML 11Page - Monolithic Power Systems MP3398D Datasheet HTML 12Page - Monolithic Power Systems MP3398D Datasheet HTML 13Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
MP3398D – 4-STRING, 350MA/STRING, STEP-UP, WHITE LED CONTROLLER
MP3398D Rev. 1.0
www.MonolithicPower.com
9
5/23/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
PIN FUNCTIONS
SOIC16
Pin #
SOIC20
Pin #
Name
Description
1
1
COMP
Step-up converter compensation. COMP compensates for the regulation
control loop. Connect a ceramic capacitor from COMP to GND.
2
2
EN
Enable control input. A voltage on EN greater than 1.4V turns the MP3398D
on; a voltage less than 0.6V turns the MP3398D off. Do not leave EN floating.
3
3
PWM
Input signal for PWM brightness control. By applying a PWM signal on
PWM, the LED current can be chopped, and the average current equals ISET x
DDIM, where ISET is the LED current value set by a resistor connected to PIN 6,
and DDIM is the duty cycle of the PWM dimming duty cycle.
Ensure that the PWM amplitude voltage level is greater than VPWM_HI and the
low-level voltage is less than VPWM_LO. The input PWM signal frequency mainly
determines the LED current dimming ratio. A lower dimming frequency can
result in a smaller dimming current. In general, 200Hz to 2kHz is suitable for
most LED current dimming applications. If PWM is floating, weakly pull it to
GND internally. If PWM dimming is not required, pull PWM to a high voltage
(1.4V < VPWM < 5V).
4
5
GND
Ground of the IC.
5
7
OSC
Switching frequency set. Connect a resistor between OSC and GND to set
the step-up converter switching frequency. The OSC voltage is regulated to
1.23V. The clock frequency is proportional to the current sourced from OSC.
6
8
ISET
LED current set. Tie a current-setting resistor from ISET to ground to program
the current in each LED string. The ISET voltage is regulated to 1.24V. The
LED current is proportional to the current through the ISET resistor.
7
9
ADIM
Signal input for analog brightness control. The LED current amplitude is
determined by ADIM, and the input signal is a PWM signal. An internal R-C filter
(10M
Ω resistor and 100pF capacitor) is integrated into ADIM. If a PWM signal is
applied to ADIM, a frequency greater than 20kHz is recommended to achieve
better PWM signal filtering and ensure that the amplitude voltage is higher than
1.4V and the low-level voltage is less than 0.6V. If ADIM is floating, weakly pull
it to GND internally. If analog dimming is not required, pull ADIM to a high
voltage (1.4V < VADIM < 5V).
8
10
LED4
LED string 4 current input. LED4 is the open-drain output of an internal
dimming-control switch. Connect the LED string 4 cathode to LED4.
9
11
LED3
LED string 3 current input. LED3 is the open-drain output of an internal
dimming control switch. Connect the LED string 3 cathode to LED3.
10
12
LED2
LED string 2 current input. LED2 is the open-drain output of an internal
dimming control switch. Connect the LED string 2 cathode to LED2.
11
13
LED1
LED string 1 current input. LED1 is the open-drain output of an internal
dimming control switch. Connect the LED string 1 cathode to LED1.
12
14
OVP
Over-voltage protection input. Connect a resistor divider from the output to
OVP to program the OVP threshold. When the OVP voltage reaches 1.23V, the
MP3398D triggers over-voltage protection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com