Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3398D Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP3398D
Description  4-String, Max 350mA/String, Step-Up, White LED Controller with Analog and PWM Dimming
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3398D Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP3398D Datasheet HTML 1Page - Monolithic Power Systems MP3398D Datasheet HTML 2Page - Monolithic Power Systems MP3398D Datasheet HTML 3Page - Monolithic Power Systems MP3398D Datasheet HTML 4Page - Monolithic Power Systems MP3398D Datasheet HTML 5Page - Monolithic Power Systems MP3398D Datasheet HTML 6Page - Monolithic Power Systems MP3398D Datasheet HTML 7Page - Monolithic Power Systems MP3398D Datasheet HTML 8Page - Monolithic Power Systems MP3398D Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
MP3398D – 4-STRING, 350MA/STRING, STEP-UP, WHITE LED CONTROLLER
MP3398D Rev. 1.0
www.MonolithicPower.com
5
5/23/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS (continued)
VIN = 12V, VEN = 5V, TA = 25°C, unless otherwise noted.
Parameters
Symbol
Condition
Min
Typ
Max
Units
LED Current Regulation
ISET voltage
VISET
1.22
1.24
1.26
V
LEDX average current
ILED
RISET = 30.5
kΩ
31.9
32.9
33.9
mA
RISET = 8.87k
Ω,
FADIM = 20kHz, DADIM = 5%
5.3
5.7
6.2
mA
Current matching
(5)
RISET = 30.5
kΩ,
ILED = 32.9mA, FPWM = 100%
2.5
%
RISET = 8.87k
Ω
FADIM = 20kHz, DADIM = 5%
2.5
%
VCC max current limit
ICC_Limit
50
75
100
mA
LED MOSFET resistance
RLED
ILED = 10mA
1.7
Ω
LEDX regulation voltage
VLEDX
ILED = 330mA
800
mV
ILED = 60mA
285
mV
Protection
OVP threshold
VOVP_OV
Rising edge
1.20
1.23
1.26
V
OVP threshold hysteresis
VOVP_HYS
Hysteresis
80
mV
OVP UVLO threshold
VOVP_UV
Step-up converter fails
30
75
120
mV
LEDX UVLO threshold
VLEDX_UV
120
200
280
mV
LEDX over-voltage threshold
VLEDX_OV
5.8
6.3
6.8
V
LED short fault cycles
TLED_OV
4096
Latch-off current limit
VLMT
560
640
720
mV
Thermal protection threshold
(6)
TST
150
°C
Thermal protection hysteresis
25
°C
NOTE:
5) Matching is defined as the difference of the maximum to minimum current divided by 2 times average currents.
6) Guarantee by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com