Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3398D Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP3398D
Description  4-String, Max 350mA/String, Step-Up, White LED Controller with Analog and PWM Dimming
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3398D Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP3398D Datasheet HTML 8Page - Monolithic Power Systems MP3398D Datasheet HTML 9Page - Monolithic Power Systems MP3398D Datasheet HTML 10Page - Monolithic Power Systems MP3398D Datasheet HTML 11Page - Monolithic Power Systems MP3398D Datasheet HTML 12Page - Monolithic Power Systems MP3398D Datasheet HTML 13Page - Monolithic Power Systems MP3398D Datasheet HTML 14Page - Monolithic Power Systems MP3398D Datasheet HTML 15Page - Monolithic Power Systems MP3398D Datasheet HTML 16Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
MP3398D – 4-STRING, 350MA/STRING, STEP-UP, WHITE LED CONTROLLER
MP3398D Rev. 1.0
www.MonolithicPower.com
12
5/23/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
OPERATION
The MP3398D is a step-up converter with peak-
current mode control. It employs four channels
of current sources to drive up to four strings of
white LEDs.
Internal 6V Regulator
The MP3398D includes an internal linear
regulator (VCC). When VIN is greater than
6.5V, this regulator outputs a 6V power supply
to the external MOSFET switch-gate driver and
the internal control circuitry. The VCC voltage
drops to 0V when the chip shuts down. The
MP3398D
also
has
under-voltage
lockout
(UVLO).
The
chip
is
disabled
until
VCC
exceeds the UVLO threshold. The UVLO
hysteresis is approximately 200mV.
System Start-Up
When enabled, the MP3398D checks the
topology connection first. The chip monitors the
over-voltage protection (OVP) to determine if
the Schottky diode is not connected or if the
boost output is shorted to GND. An OVP
voltage less than 75mV will disable the chip.
The MP3398D also checks other safety limits
after passing the OVP test, including UVLO,
over-temperature protection (OTP), and over-
current protection (OCP). If all protection tests
pass, the chip starts boosting the step-up
converter with an internal soft start.
It is recommended that the enable signal occurs
after the establishment of the input voltage and
the PWM dimming signal during the start-up
sequence to prevent a large inrush current.
Step-Up Converter
The
converter
operating
frequency
is
programmable from 100kHz to 500kHz with an
external resistor connected to OSC. This helps
optimize efficiency and the size of the external
components.
At the beginning of each switching cycle, the
internal clock turns on the external MOSFET.
During normal operation, the minimum turn on
time is 200ns. A stabilizing ramp added to the
output of the current sense amplifier prevents
subharmonic oscillations for duty cycles greater
than 50%. This result is fed into the PWM
comparator.
When
this
resulting
voltage
reaches the output voltage of the error amplifier
(VCOMP), the external MOSFET turns off.
The output voltage of the internal error amplifier
is an amplified signal of the difference between
the reference voltage and the feedback voltage.
The converter chooses the lowest active LEDX
pin voltage automatically to provide a sufficient
bus voltage to power all of the LED arrays.
If
the feedback voltage drops
below the
reference, the output of the error amplifier
increases. This results in more current flowing
through the MOSFET, increasing the power
delivered to the output and forming a closed
loop that regulates the output voltage.
Under light-load operation, especially in the
case of VOUT
≈ VIN, the converter runs in pulse-
skipping mode. In this mode, the MOSFET
turns
on
for
a
minimum
on
time
of
approximately 200ns, and then the converter
discharges the power to the output for the
remaining
period.
The
external
MOSFET
remains off until the output voltage needs to be
boosted again.
Dimming Control
The MP3398D provides two dimming methods:
PWM and analog dimming mode.
For PWM dimming, apply a PWM signal to
PWM. The LED current is chopped by this
signal, and the average LED current is equal to
ISET x DDIM, where ISET is the LED current
amplitude and DDIM is the duty cycle of the
PWM dimming signal.
For analog dimming, a PWM signal is applied to
ADIM. When a PWM signal is applied to ADIM,
this signal is filtered by the internal RC filter.
The LED current amplitude is equal to ISET x
DDIM, where ISET is the LED current amplitude
and DDIM is the duty cycle of the PWM dimming
signal. A PWM signal 20kHz or higher is
recommended for better filtering.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com