Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV-DCA/CIF-E01 Datasheet(PDF) 59 Page - STMicroelectronics

Part # STV-DCA/CIF-E01
Description  Low Cost Digital Camera (LCDC) Chipset
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV-DCA/CIF-E01 Datasheet(HTML) 59 Page - STMicroelectronics

Back Button STV-DCA/CIF-E01 Datasheet HTML 52Page - STMicroelectronics STV-DCA/CIF-E01 Datasheet HTML 53Page - STMicroelectronics STV-DCA/CIF-E01 Datasheet HTML 54Page - STMicroelectronics STV-DCA/CIF-E01 Datasheet HTML 55Page - STMicroelectronics STV-DCA/CIF-E01 Datasheet HTML 56Page - STMicroelectronics STV-DCA/CIF-E01 Datasheet HTML 57Page - STMicroelectronics STV-DCA/CIF-E01 Datasheet HTML 58Page - STMicroelectronics STV-DCA/CIF-E01 Datasheet HTML 59Page - STMicroelectronics STV-DCA/CIF-E01 Datasheet HTML 60Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 59 / 60 page
background image
STV0680A + VV6444/6410/6500
Digital Camera Chipset; Customer Datasheet, Rev 3.0, March 2000
PRELIMINARY
CDSTV0680F-C
Commercial in confidence
59
STV0680F_backpages.f
14. Ordering details
* Note: The variant number of STV0680A is indicated by the suffix -001, 002, 003, etc. Contact STMicroelectronics for latest
information.
Technical support
This document and other related technical support information, such as datasheets, software downloads,etc for
STMicroelectronics Imaging Division Products can be found at http://www.vvl.co.uk/tech_support/home.htm
Note: All the above web addresses when accessing from within ST should read www.edb.st.com rather than www.vvl.co.uk
Description
Part number
STV0680 companion processor (no VfW or RS232 support)
STV0680-001
STV0680A companion processor (including VfW and RS232 support)
STV0680A-002*
VV6444+STV0680/STV680A designs
LCC packaged CIF Image Sensor (5v)
VV6444C001
STV0680/STV0680A + VV6444 Digital Camera Chipset, Reference
Design Manual
Available for download from
http://www.vvl.co.uk/tech_support/
home.htm
VV6410/6500+STV0680A designs
36pin CLCC packaged, microlensed CIF ColourMOS sensor
VV6410C036
48pin CLCC packaged, microlensed VGA ColourMOS sensor
VV6500C001
Digital camera Evaluation Kit for STV0680/STV0680A+VV6410
STV-DCA/CIF-E01
Digital camera Evaluation Kit for STV0680/STV0680A+VV6500
STV-DCA/VGA-E01
STV0680/STV0680A + VV6410/6500 Digital Camera Chipset, Reference
Design Manual
Available for download from
http://www.vvl.co.uk/tech_support/
home.htm
Table 26 : Ordering details



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com