Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV-DCA/CIF-E01 Datasheet(PDF) 26 Page - STMicroelectronics

Part # STV-DCA/CIF-E01
Description  Low Cost Digital Camera (LCDC) Chipset
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV-DCA/CIF-E01 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button STV-DCA/CIF-E01 Datasheet HTML 22Page - STMicroelectronics STV-DCA/CIF-E01 Datasheet HTML 23Page - STMicroelectronics STV-DCA/CIF-E01 Datasheet HTML 24Page - STMicroelectronics STV-DCA/CIF-E01 Datasheet HTML 25Page - STMicroelectronics STV-DCA/CIF-E01 Datasheet HTML 26Page - STMicroelectronics STV-DCA/CIF-E01 Datasheet HTML 27Page - STMicroelectronics STV-DCA/CIF-E01 Datasheet HTML 28Page - STMicroelectronics STV-DCA/CIF-E01 Datasheet HTML 29Page - STMicroelectronics STV-DCA/CIF-E01 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 60 page
background image
PRELIMINARY
Digital Camera Chipset; Customer Datasheet, Rev 3.0, March 2000
STV0680A + VV6444/6410/6500
CDSTV0680F-C
Commercial in confidence
26
STV0680F_contents.fm
7.
Detailed chipset specifications
7.1
Typical camera specifications
The following data assumes that the camera has been built according to reference design shown in Section 9.
7.2
STV0680/STV0680A companion processor
Supply Voltage:
6-9V (when powered from battery) or 5V
(when powered from USB). (* See Note 1.)
Operating Temperature range
0oC - 40oC
Example lens horizontal FOV
44o (* See note 2)
Max. RS232 cable length supported
2m
CIF output
352 x 288 pixels
QCIF output
176 x 144 pixels
VGA output (using VV6500)
640 x 480 pixels
QVGA output (using VV6500)
320 x 240 pixels
Image upload format
Raw Bayer
PC driver output format
Colour RGB bitmap
Table 9 : Typical camera specifications
Notes:
1. Dual USB or battery power supply is only possible when the required power switching hardware is included, as shown in
Section 9.
2. Figures are approximate and depend on actual components sourced.
Sensor
Min
Max
VV6444
8.18
µS
39mS
VV6410
8.67
µS
44mS
VV6500
7.94
µS
66mS
Table 10 : Approximate shutter speeds
Parameter
Min
Typ
Max
Units
Supply Voltage
3.0
3.3
3.6
V
Current consumption (normal operation)
20
TBD
mA
Standby current consumption (untethered standby
mode or PC suspend mode)
0.35
TBD
mA
Operating Temperature range
0
70
oC
Package
100QFP
Exposure control
1 000 000:1
Table 11 : STV0680/STV680A Specifications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com