Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV-DCA/CIF-E01 Datasheet(PDF) 8 Page - STMicroelectronics

Part # STV-DCA/CIF-E01
Description  Low Cost Digital Camera (LCDC) Chipset
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV-DCA/CIF-E01 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STV-DCA/CIF-E01 Datasheet HTML 4Page - STMicroelectronics STV-DCA/CIF-E01 Datasheet HTML 5Page - STMicroelectronics STV-DCA/CIF-E01 Datasheet HTML 6Page - STMicroelectronics STV-DCA/CIF-E01 Datasheet HTML 7Page - STMicroelectronics STV-DCA/CIF-E01 Datasheet HTML 8Page - STMicroelectronics STV-DCA/CIF-E01 Datasheet HTML 9Page - STMicroelectronics STV-DCA/CIF-E01 Datasheet HTML 10Page - STMicroelectronics STV-DCA/CIF-E01 Datasheet HTML 11Page - STMicroelectronics STV-DCA/CIF-E01 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 60 page
background image
PRELIMINARY
Digital Camera Chipset; Customer Datasheet, Rev 3.0, March 2000
STV0680A + VV6444/6410/6500
CDSTV0680F-C
Commercial in confidence
8
STV0680F_contents.fm
1.3
Sensor choices
The following sensors are supported:
1.4
Key system features
The key features of a typical camera based on the STV0680A chipset are as follows:
1.4.1
Image features (STV0680A-002)
•
Support for 5V or 3.3V CIF resolution sensor (VV6444 or VV6410) - 352 x 288 pixels
•
Support for 3.3V VGA resolution sensor (VV6500) - 640 x 480 pixels
•
80 picture storage capacity possible for CIF, with 64MB memory
•
26 picture storage capacity for VGA, with 64MBit memory
•
A greater number of images can be stored when ‘Low’ resolution mode is enabled (e.g. 80 QCIF images with 16Mbit memory,
106 QVGA images with 64Mbit memory). See Table 4 and Table 5.
•
Automatic anti-flicker exposure and gain control
1.4.2
Image features (STV0680-001)
•
Supports 5V CIF resolution sensor (VV6444) - 352 x 288 pixels.
•
20 picture storage capacity possible for CIF with 16MB memory.
•
80 picture storage capacity possible for QCIF with 16MB memory.
•
Automatic anti-flicker exposure and gain control
1.4.3
User features on camera
•
Self-timer mode allows a picture to be captured after several seconds.
•
Twin 7 segment LCD panel supported - showing number of pictures left, and modes.
•
Picture counter helps the user to know how much memory is left.
•
Un-tethered ‘Continuous’ mode allows capture of image sequences for storage in memory and subsequent download to PC.
•
Piezo buzzer indicates a number of useful events to the user, e.g. whether enough light is present for picture capture, etc.
•
Indicator LED.
1.4.4
User features on PC software
PC software allows a number of features, including fast download of thumbnail images for picture selection, and automatic
detection and correction of sensor defects. Table 3 clarifies the driver compatibility available, including:
•
TWAIN driver to suit all TWAIN compatible imaging applications
•
Video for Windows driver for tethered video mode (through USB), available at all resolutions, with fastest framerates at QCIF
resolution
Sensor
Resolution
Sensor supply
voltage
VV6444
CIF (352 x 288)
5v
VV6410
3.3v
VV6500
VGA (640 x 480)
Table 2 : Sensor choices with STV0680/STV0680A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com