Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV-DCA/CIF-E01 Datasheet(PDF) 28 Page - STMicroelectronics

Part # STV-DCA/CIF-E01
Description  Low Cost Digital Camera (LCDC) Chipset
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV-DCA/CIF-E01 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button STV-DCA/CIF-E01 Datasheet HTML 24Page - STMicroelectronics STV-DCA/CIF-E01 Datasheet HTML 25Page - STMicroelectronics STV-DCA/CIF-E01 Datasheet HTML 26Page - STMicroelectronics STV-DCA/CIF-E01 Datasheet HTML 27Page - STMicroelectronics STV-DCA/CIF-E01 Datasheet HTML 28Page - STMicroelectronics STV-DCA/CIF-E01 Datasheet HTML 29Page - STMicroelectronics STV-DCA/CIF-E01 Datasheet HTML 30Page - STMicroelectronics STV-DCA/CIF-E01 Datasheet HTML 31Page - STMicroelectronics STV-DCA/CIF-E01 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 60 page
background image
PRELIMINARY
Digital Camera Chipset; Customer Datasheet, Rev 3.0, March 2000
STV0680A + VV6444/6410/6500
CDSTV0680F-C
Commercial in confidence
28
STV0680F_contents.fm
Table 14 : STV0680/STV0680A PLL Characteristics
Output Slew Rate [
Tsr(Fout)
--
0.100+0.1082*CL
--
ns
CL:Output Load(pF)
Parameter
Min
Typ
Max
Units
Crystal specification
50/50/10/30 (12mhz Fundamental)
Crystal frequency
12.000
MHz
Frequency tolerance
50
ppm
Temperature stability
50
ppm
Operating temperature
-10
Deg. C
Load capacitance
30
pF
Table 15 : STV0680/STV0680A Crystal Tolerance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com