Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV-DCA/CIF-E01 Datasheet(PDF) 30 Page - STMicroelectronics

Part # STV-DCA/CIF-E01
Description  Low Cost Digital Camera (LCDC) Chipset
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV-DCA/CIF-E01 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button STV-DCA/CIF-E01 Datasheet HTML 26Page - STMicroelectronics STV-DCA/CIF-E01 Datasheet HTML 27Page - STMicroelectronics STV-DCA/CIF-E01 Datasheet HTML 28Page - STMicroelectronics STV-DCA/CIF-E01 Datasheet HTML 29Page - STMicroelectronics STV-DCA/CIF-E01 Datasheet HTML 30Page - STMicroelectronics STV-DCA/CIF-E01 Datasheet HTML 31Page - STMicroelectronics STV-DCA/CIF-E01 Datasheet HTML 32Page - STMicroelectronics STV-DCA/CIF-E01 Datasheet HTML 33Page - STMicroelectronics STV-DCA/CIF-E01 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 60 page
background image
PRELIMINARY
Digital Camera Chipset; Customer Datasheet, Rev 3.0, March 2000
STV0680A + VV6444/6410/6500
CDSTV0680F-C
Commercial in confidence
30
STV0680F_contents.fm
Notes:
1. Assuming appropriate external hardware recommendations are implemented (see Section 9.), the sensor SUSPEND pin is
asserted during Standby Mode/PC Suspend Mode. Hence the sensor is placed in Sensor Suspend mode by means of (a) a
Serial interface message and (b) the SUSPEND pin being asserted.
2. Where the external hardware does not permit the sensor SUSPEND pin to be asserted during Standby Mode/PC Suspend
Mode, the sensor is placed in Sensor Suspend mode by means of a Serial interface message only. This increases current
consumption due to a pull-up on the SUSPEND pin.
Notes:
1. Assuming appropriate external hardware recommendations are implemented (see Section 9.), the sensor SUSPEND pin is
Image array size
2.67mm x 2.04mm
Array Format
CIF
Sensor signal / Noise ratio
Approx. 57dB
Package type
36LCC
Supply Voltage
3.3V DC +/-5%
Operating Temp. range
0oC - 40oC
Current consumption:
Min
Typ
Max
Units
’Snapshot’/self-timer/continuous/tethered
video modes of operation
25
TBD
mA
Standby Mode/PC Suspend Mode, SUS-
PEND pin asserted (see note 1)
<100
TBD
µA
Standby Mode/PC Suspend Mode, SUS-
PEND pin
not asserted (see note 2)
<300
TBD
µA
Colour Image Format
640 x 480 pixels (VGA)
Pixel Size
7.5 x 7.5
µm
Image array size
4.89mm x 3.66mm
Array Format
VGA
Sensor signal / Noise ratio
Approx. 57dB
Supply Voltage
3.3V DC +/-5%
Package type
48LCC
Operating Temp. range
0oC - 40oC
Current consumption:
Min
Typ
Max
Units
’Snapshot’/self-timer/continuous/tethered
video modes of operation
30
TBD
mA
Standby Mode/PC Suspend Mode, SUS-
PEND pin asserted (see note 1)
<100
TBD
µA
Standby Mode/PC Suspend Mode, SUS-
PEND pin
not asserted (see note 2)
<300
TBD
µA
Table 19 : VV6500 Specifications
Table 18 : VV6410 Specifications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com