Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV-DCA/CIF-E01 Datasheet(PDF) 16 Page - STMicroelectronics

Part # STV-DCA/CIF-E01
Description  Low Cost Digital Camera (LCDC) Chipset
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV-DCA/CIF-E01 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STV-DCA/CIF-E01 Datasheet HTML 12Page - STMicroelectronics STV-DCA/CIF-E01 Datasheet HTML 13Page - STMicroelectronics STV-DCA/CIF-E01 Datasheet HTML 14Page - STMicroelectronics STV-DCA/CIF-E01 Datasheet HTML 15Page - STMicroelectronics STV-DCA/CIF-E01 Datasheet HTML 16Page - STMicroelectronics STV-DCA/CIF-E01 Datasheet HTML 17Page - STMicroelectronics STV-DCA/CIF-E01 Datasheet HTML 18Page - STMicroelectronics STV-DCA/CIF-E01 Datasheet HTML 19Page - STMicroelectronics STV-DCA/CIF-E01 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 60 page
background image
PRELIMINARY
Digital Camera Chipset; Customer Datasheet, Rev 3.0, March 2000
STV0680A + VV6444/6410/6500
CDSTV0680F-C
Commercial in confidence
16
STV0680F_contents.fm
3.5.2
Description
The LCD displays “CL”. Pressing shutter button twice will clear all the images in the camera.
3.5.3
Exiting this mode
After 5 seconds of non-activity, or after the camera has been cleared, the camera returns to standby mode.
3.6
‘Change resolution’
3.6.1
Entering this mode
This is enabled using the mode button (from ‘Snapshot’ mode, press four times).
Note: In STV0680-001, the images stored in memory must be cleared before this mode can be entered. This is because in
STV0680-001, mixed resolutions (i.e. ‘High’ and ‘Low’) cannot be stored at the same time.
3.6.2
Description
The LCD displays the target resolution to which the camera can be changed, i.e. if in High resolution “Lr” (Low resolution) is
displayed, if in Low resolution, “Hr” (High resolution) is displayed. ‘High’ resolution stores the full image resolution from the sensor
array, while ‘Low’ subsamples the sensor array, to store 4x the number of images (e.g. 80 in QCIF mode, compared to 20 in CIF
mode).
Dependant on the type of sensor used, different resolutions are obtained, see Table 4 or Table 5. By pressing the shutter button,
user changes the resolution.
3.6.3
Exiting this mode
After 5 seconds of non-activity, or after the resolution has been changed, the camera returns to standby mode.
3.7
Tethered USB Video mode
3.7.1
Entering this mode
This is activated by the PC Video for Windows driver while the camera is tethered, dependant on whether VfW is supported (see
Table 3).
3.7.2
Description
The camera is controlled by the PC driver.
Note: Any images or continuous image sequences contained in the camera are lost when the video for Windows driver starts.
3.7.3
Exiting this mode
This is controlled by the PC drivers.
3.8
Powering the camera off
3.8.1
Entering this mode
This is not truly a mode of operation, but a description of what happens if:
•
The battery power and USB connection are removed from the camera
•
The battery power is removed, and the PC to which the camera is tethered, is switched off.
•
The battery voltage falls extremely low. Ways of avoiding this situation are discussed in the reference design, see Section 9.
Note: normally a camera with USB interface should source power from the USB connection, but this is hardware dependant, see
Section 9.
3.8.2
Description
In this situation, all image data is lost.
Note: under certain circumstances, the image data may be maintained if the camera or PC is powered on again after a few



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com