Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV-DCA/CIF-E01 Datasheet(PDF) 32 Page - STMicroelectronics

Part # STV-DCA/CIF-E01
Description  Low Cost Digital Camera (LCDC) Chipset
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV-DCA/CIF-E01 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button STV-DCA/CIF-E01 Datasheet HTML 28Page - STMicroelectronics STV-DCA/CIF-E01 Datasheet HTML 29Page - STMicroelectronics STV-DCA/CIF-E01 Datasheet HTML 30Page - STMicroelectronics STV-DCA/CIF-E01 Datasheet HTML 31Page - STMicroelectronics STV-DCA/CIF-E01 Datasheet HTML 32Page - STMicroelectronics STV-DCA/CIF-E01 Datasheet HTML 33Page - STMicroelectronics STV-DCA/CIF-E01 Datasheet HTML 34Page - STMicroelectronics STV-DCA/CIF-E01 Datasheet HTML 35Page - STMicroelectronics STV-DCA/CIF-E01 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 60 page
background image
PRELIMINARY
Digital Camera Chipset; Customer Datasheet, Rev 3.0, March 2000
STV0680A + VV6444/6410/6500
CDSTV0680F-C
Commercial in confidence
32
STV0680F_contents.fm
7.5.1
Using VV6444 (sensor operates at @ 5V DC)
Notes:
1. See Table 11 on page 26.
2. From limited evaluation, typical self-refresh current figures of certain SDRAM chips are well below manufacturers’ maximum
specification, e.g. 100-250
µA. See Section 9. for recommendations.
3. This is assuming a low quiescent current 3v3 VReg is used, and assuming that the sensor is switched off using external cir-
cuitry.
Mode
Typical Current
Cons.
Comments
’Snapshot’/Continuous/
Self timer mode (while
un-tethered)
80mA
’Snapshot’/Continuous/
Self timer mode (while
tethered to PC)
80mA
Assuming appropriate hardware included, power is
sourced from PC while USB connected.
Camera standby mode
(when NOT connected to
USB)
Approx. 0.4mA +
SDRAM self-refresh
current (see note 2)
Total current in this mode equals:
STV0680/680A Standby current consumption (see note 1)
+ SDRAM self-refresh current (see note 2)
+ peripheral circuitry (approx. 50
µA, see note 3).
Suspend mode
(when connected to
USB)
Approx. 0.6mA +
SDRAM self-refresh
current (see note 2)
Total current in this mode equals:
STV0680/680A Standby current consumption (see note 1)
+ SDRAM self-refresh current (see note 2)
+ peripheral circuitry (approx. 50
µA, see note 3).
+ 200
µA , based on 1.5k pull-up in camera (see Section
9.) and 15k pull-down in PC.
Table 21 : Current consumption, complete STV0680A+VV6444 camera



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com