Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV-DCA/CIF-E01 Datasheet(PDF) 27 Page - STMicroelectronics

Part # STV-DCA/CIF-E01
Description  Low Cost Digital Camera (LCDC) Chipset
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV-DCA/CIF-E01 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button STV-DCA/CIF-E01 Datasheet HTML 23Page - STMicroelectronics STV-DCA/CIF-E01 Datasheet HTML 24Page - STMicroelectronics STV-DCA/CIF-E01 Datasheet HTML 25Page - STMicroelectronics STV-DCA/CIF-E01 Datasheet HTML 26Page - STMicroelectronics STV-DCA/CIF-E01 Datasheet HTML 27Page - STMicroelectronics STV-DCA/CIF-E01 Datasheet HTML 28Page - STMicroelectronics STV-DCA/CIF-E01 Datasheet HTML 29Page - STMicroelectronics STV-DCA/CIF-E01 Datasheet HTML 30Page - STMicroelectronics STV-DCA/CIF-E01 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 60 page
background image
STV0680A + VV6444/6410/6500
Digital Camera Chipset; Customer Datasheet, Rev 3.0, March 2000
PRELIMINARY
CDSTV0680F-C
Commercial in confidence
27
STV0680F_contents.fm
Table 12 : STV0680/STV0680A Absolute Maximum Ratings
Table 13 : STV0680/STV0680A DC Characteristics
Notes on Table 13:
1. VDI = |(D+) - (D-)|
2. VCM includes VDI range.
3. TFRFM =( TFR / TFF ).
4. ZDRV includes an external resistor of 20 Ohms serial to this transceiver.
Description
Range
Unit
Storage Temperature
(Approximate)
50 to 150
oC
Parameter
Description
Min
Typ
Max
Units
Note
s
VDD
Power Supply
3.0
3.3
3.6
V
VILU
USB differential pad D+/D- input low
0.8
V
VIHU
USB differential pad D+/D- input high (driven)
2.0
V
VIHUZ
USB differential pad D+/D- input high (floating)
2.7
3.6
V
VDI
USB differential pad D+/D- input sensitivity
0.2
V
1
VCM
USB differential pad D+/D- common mode voltage
0.8
2.5
V
2
VOLU
USB differential pad D+/D- output low voltage
0.0
0.3
V
VOHU
USB differential pad D+/D- output high voltage
2.8
3.6
V
VOHU
USB differential pad D+/D- output high voltage
2.8
3.6
V
VCRS
USB differential pad D+/D- output signal cross over voltage
1.3
2.0
V
RPU
USB differential pad D+/D- pullup resistor
1.425
1.575
K
Ω
RPD
USB differential pad D+/D- pulldown resistor
14.25
15.75
K
Ω
TFR
Rise Time
4
20
ns
TFF
Fall Time
4
20
ns
TFRFM
Differential Rise Time and Fall Time Matching
90
111.11
%
3
ZDRV
Driver Output Resistance
28
44
Ohms
4
Parameter
Symbol
Min
Typ
Max
Unit
Condition
Peak to peak jitters
--
--
170
220
ps
@VCOfreq = 100MHz ~ 200MHz
Duty cycle
--
40
50
60
%
Operating voltage range
VDD
3
3.3
3.6
V
Input low voltage
VIL
-
0.8
V
VDD=3.3V
Input high voltage
VIH
0.7VDD
VDD
V
VDD=3.3V
Pull_in Time + Locking
Time
Tready
--
--
0.5
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com