Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV-DCA/CIF-E01 Datasheet(PDF) 36 Page - STMicroelectronics

Part # STV-DCA/CIF-E01
Description  Low Cost Digital Camera (LCDC) Chipset
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV-DCA/CIF-E01 Datasheet(HTML) 36 Page - STMicroelectronics

Back Button STV-DCA/CIF-E01 Datasheet HTML 32Page - STMicroelectronics STV-DCA/CIF-E01 Datasheet HTML 33Page - STMicroelectronics STV-DCA/CIF-E01 Datasheet HTML 34Page - STMicroelectronics STV-DCA/CIF-E01 Datasheet HTML 35Page - STMicroelectronics STV-DCA/CIF-E01 Datasheet HTML 36Page - STMicroelectronics STV-DCA/CIF-E01 Datasheet HTML 37Page - STMicroelectronics STV-DCA/CIF-E01 Datasheet HTML 38Page - STMicroelectronics STV-DCA/CIF-E01 Datasheet HTML 39Page - STMicroelectronics STV-DCA/CIF-E01 Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 60 page
background image
PRELIMINARY
Digital Camera Chipset; Customer Datasheet, Rev 3.0, March 2000
STV0680A + VV6444/6410/6500
CDSTV0680F-C
Commercial in confidence
36
STV0680F_contents.fm
9
DQ12
Input/Output
SDRAM Data Bus
2mA (SL)
11
DQ11
Input/Output
SDRAM Data Bus
2mA (SL)
13
DQ10
Input/Output
SDRAM Data bus
2mA (SL)
15
DQ9
Input/Output
SDRAM Data bus
2mA (SL)
17
DQ8
Input/Output
SDRAM Data bus
2mA (SL)
LCD Interface
85
LCDCOM
Output
LCD Common
2mA (SL)
93
LCD1_6
Output
LCD digit 1 segment G
2mA (SL)
94
LCD1_5
Output
LCD digit 1 segment F
2mA (SL)
95
LCD1_4
Output
LCD digit 1 segment E
2mA (SL)
96
LCD1_3
Output
LCD digit 1 segment D
2mA (SL)
97
LCD1_2
Output
LCD digit 1 segment C
2mA (SL)
98
LCD1_1
Output
LCD digit 1 segment B
2mA (SL)
99
LCD1_0
Output
LCD digit 1 segment A
2mA (SL)
86
LCD2_6
Output
LCD digit 2 segment G
2mA (SL)
87
LCD2_5
Output
LCD digit 2 segment F
2mA (SL)
88
LCD2_4
Output
LCD digit 2segment E
2mA (SL)
89
LCD2_3
Output
LCD digit 2segment D
2mA (SL)
90
LCD2_2
Output
LCD digit 2segment C
2mA (SL)
91
LCD2_1
Output
LCD digit 2 segment B
2mA (SL)
92
LCD2_0
Output
LCD digit 2 segment A
2mA (SL)
Piezo Interface
84
PIEZO
Output
Direct connection to piezo buzzer
8mA (SL)
Battery Level Comparator Interface
80
LO_BAT
Input (A)
Battery level comparator input. The voltage on low_bat is
compared to the reference to determine the battery status
79
LO_BAT_REF
Input (A)
1.22V battery level comparator reference input
Power and Ground
1, 27, 50,
56, 78
DVSS[1-5]
Power pin
Digital Ground
3, 29, 57,
83
DVDD[1-4]
Power pin
Digital Power
52
PLLGVDD
Power pin
PLL Guard Power
53
PLLGVSS
Power pin
PLL Guard Ground
54
PLLAVDD
Power pin
PLL Analog Power
55
PLLAVSS
Power pin
PLL Analog Ground
Non-user pins
45
TEST0
Input
Non-user pin - connect to 3V3
46
TEST1
Input
Non-user pin - connect to 3V3
Pin no.
Signal
Type
Description
drive



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com