Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV-DCA/CIF-E01 Datasheet(PDF) 46 Page - STMicroelectronics

Part # STV-DCA/CIF-E01
Description  Low Cost Digital Camera (LCDC) Chipset
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV-DCA/CIF-E01 Datasheet(HTML) 46 Page - STMicroelectronics

Back Button STV-DCA/CIF-E01 Datasheet HTML 42Page - STMicroelectronics STV-DCA/CIF-E01 Datasheet HTML 43Page - STMicroelectronics STV-DCA/CIF-E01 Datasheet HTML 44Page - STMicroelectronics STV-DCA/CIF-E01 Datasheet HTML 45Page - STMicroelectronics STV-DCA/CIF-E01 Datasheet HTML 46Page - STMicroelectronics STV-DCA/CIF-E01 Datasheet HTML 47Page - STMicroelectronics STV-DCA/CIF-E01 Datasheet HTML 48Page - STMicroelectronics STV-DCA/CIF-E01 Datasheet HTML 49Page - STMicroelectronics STV-DCA/CIF-E01 Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 60 page
background image
PRELIMINARY
Digital Camera Chipset; Customer Datasheet, Rev 3.0, March 2000
STV0680A + VV6444/6410/6500
CDSTV0680F-C
Commercial in confidence
46
STV0680F_444pckg.fm
16
RESETB
ID
↑
System Reset. Active Low.
SERIAL INTERFACE
42
SCL
ID
↑
Serial bus clock (input only).
41
SDA
BI
↑
Serial bus data (bidirectional, open drain).
DIGITAL VIDEO INTERFACE
39
38
35
34
D[3]
D[2]
D[1]
D[0]]
ODT
Tristateable 4-wire output data bus. D[3] is the most significant bit.
33
QCK
ODT
Tristateable data qualification clock.
40
FST
ODT
Not required by STV0680A
17
OEB
ID
↓
Digital output (tristate) enable.
SYSTEM CLOCKS
31
CLKI
ID
Oscillator input.
32
CLKO
OD
Oscillator output.
Do not connect
18
21-28
DNC
Do not connect
Key
A
Analogue Input
D
Digital Input
OA
Analogue Output
ID
↑
Digital input with internal pull-up
BI
Bidirectional
ID
↓
Digital input with internal pull-down
BI
↑
Bidirectional with internal pull-up
OD
Digital Output
BI
↓
Bidirectional with internal pull-down
ODT
Tristateable Digital Output
Pin
Name
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com