Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV-DCA/CIF-E01 Datasheet(PDF) 9 Page - STMicroelectronics

Part # STV-DCA/CIF-E01
Description  Low Cost Digital Camera (LCDC) Chipset
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV-DCA/CIF-E01 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STV-DCA/CIF-E01 Datasheet HTML 5Page - STMicroelectronics STV-DCA/CIF-E01 Datasheet HTML 6Page - STMicroelectronics STV-DCA/CIF-E01 Datasheet HTML 7Page - STMicroelectronics STV-DCA/CIF-E01 Datasheet HTML 8Page - STMicroelectronics STV-DCA/CIF-E01 Datasheet HTML 9Page - STMicroelectronics STV-DCA/CIF-E01 Datasheet HTML 10Page - STMicroelectronics STV-DCA/CIF-E01 Datasheet HTML 11Page - STMicroelectronics STV-DCA/CIF-E01 Datasheet HTML 12Page - STMicroelectronics STV-DCA/CIF-E01 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 60 page
background image
STV0680A + VV6444/6410/6500
Digital Camera Chipset; Customer Datasheet, Rev 3.0, March 2000
PRELIMINARY
CDSTV0680F-C
Commercial in confidence
9
STV0680F_contents.fm
•
AVI video file creation from image sequences captured in ‘continuous’ mode
Custom OEM software can be developed by using the SDK (for SDK availability, contact ST), to upload thumbnails/still images or
‘continuous’ images, e.g. for AVI file creation.
1.4.5
Power management features and USB compliance
•
Picture retention with extremely low power operation, which appears to the user as if the camera is “switched off”.
•
Auto power-off after 30sec with no user activity
•
Operates from 6-9V battery, although system voltage is 5V or 3.3V, dependant on sensor.
•
Low battery detection
•
Dependant on hardware configuration, switch-over to USB power supply is supported, to allow the device to operate with low
batteries or without batteries, when connected to USB.
•
Full USB compliance requirements are listed in the USB specification, however, in a camera designed using this chipset, the
following must at least be included: (a) an SDRAM with sufficiently low self-refresh current, (b) USB inrush protection circuitry,
and (c) (in the case of VV6444 only) a switched 5V sensor supply is used, to maintain sufficient supply voltage to the 5V
sensor. See Section 9. for further details.
1.4.6
General features
•
High speed picture download over USB
•
ST Colour processing algorithms available under license (as part of drivers/SDK)
•
USB or RS232 serial interface options, and VfW / TWAIN driver support.
•
Customisation of STV0680A is possible to vary the features described in this document, subject to commercial agreement
with ST, see Section 6.
Interface type:
PC Operating system:
RS232
Win9x, WinNT4, Win2k
USB
Win98 and Win2k only
STV680-001
Not available
TWAIN
STV0680A-002
TWAIN
TWAIN, VfW
Table 3 : Driver choices



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com