Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP5021 Datasheet(PDF) 16 Page - Monolithic Power Systems

Part # MP5021
Description  12V, 7mohm RDSon Hot-Swap Protection Device with Current Monitoring
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5021 Datasheet(HTML) 16 Page - Monolithic Power Systems

Back Button MP5021 Datasheet HTML 11Page - Monolithic Power Systems MP5021 Datasheet HTML 12Page - Monolithic Power Systems MP5021 Datasheet HTML 13Page - Monolithic Power Systems MP5021 Datasheet HTML 14Page - Monolithic Power Systems MP5021 Datasheet HTML 15Page - Monolithic Power Systems MP5021 Datasheet HTML 16Page - Monolithic Power Systems MP5021 Datasheet HTML 17Page - Monolithic Power Systems MP5021 Datasheet HTML 18Page - Monolithic Power Systems MP5021 Datasheet HTML 19Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
MP5021 – 12V, 7
mΩ RDSon HOT-SWAP PROTECTION DEVICE
MP5021 Rev. 1.1
www.MonolithicPower.com
16
1/30/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
resistor attached to the output discharges the
output. Adding a resistor between the PD pin and
the output results in a slower output drop. If the
PD pin is floating, pull-down mode is disabled.
AUTO Pin
When the AUTO pin is floating, the part is in
auto-retry mode. In auto-retry mode, the part
turns off when it exceeds its thermal limit or
current limit timeout, and turns back on when the
part cools by 20°C or the restart timer completes.
When the AUTO pin is tied to ground, the part is
in latched-fault mode. In the latched-fault mode,
a thermal fault or current limit fault latches the
output off until the enable line is toggled from low
to high or the input voltage restarts.
Under/Over-Voltage Lockout
If the input supply falls below the UVLO threshold
or above the OVLO threshold, the output is
disabled and the PG pin goes low.
When the supply exceeds the UVLO threshold
without exceeding the OVLO threshold, the
output is enabled and the PG line is released.
Monitoring the Output Current
The IMON pin provides a voltage proportional to
the output current (the current through the power
device). Place a 100nF capacitor from IMON to
GND to smooth the indicator voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com