Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP5021 Datasheet(PDF) 18 Page - Monolithic Power Systems

Part # MP5021
Description  12V, 7mohm RDSon Hot-Swap Protection Device with Current Monitoring
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5021 Datasheet(HTML) 18 Page - Monolithic Power Systems

Back Button MP5021 Datasheet HTML 11Page - Monolithic Power Systems MP5021 Datasheet HTML 12Page - Monolithic Power Systems MP5021 Datasheet HTML 13Page - Monolithic Power Systems MP5021 Datasheet HTML 14Page - Monolithic Power Systems MP5021 Datasheet HTML 15Page - Monolithic Power Systems MP5021 Datasheet HTML 16Page - Monolithic Power Systems MP5021 Datasheet HTML 17Page - Monolithic Power Systems MP5021 Datasheet HTML 18Page - Monolithic Power Systems MP5021 Datasheet HTML 19Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 18 / 19 page
background image
MP5021 – 12V, 7
mΩ RDSon HOT-SWAP PROTECTION DEVICE
MP5021 Rev. 1.1
www.MonolithicPower.com
18
1/30/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
VIN
Bottom Layer
Figure 6: PCB Layout
Design Example
The detailed application schematic is shown in
Figure 7. The typical performance and circuit
waveforms have been shown in the Typical
Performance Characteristics section. For more
detailed device applications, please refer to the
related Evaluation Board Datasheets of MP5021.
TYPICAL APPLICATION
0
R3
180k
R1
15.4k
R2
510K
R4
100K
R5
10K
R6
100nF
C4
100nF
C1C
4.7uF
C2A
220uF
C3A
B330A
D1
CN1
GND
GND
VOUT
GND
VCC
GND
10uF
C1B
10uF
C1A
1uF
C6
220nF
C7
47nF
C8
10K
R7
GND
VIN
EN
GND1
GND
GND
VOUT
PD
FB
PG
Fault
IMON
SS
ISET
TIME
R
ENTM
AUTO
EN
VIN
VCC
PG
Faul
t
IMON
EN
1
AUTO
2
ENTM
3
TIME
R
4
ISET
5
SS
6
VIN
22
VIN
21
OUT
20
OUT
19
OUT
18
OUT
17
OUT
16
OUT
15
OUT
14
OUT
13
PD
12
FB
11
PG
10
Fault
9
IMON
8
M P5021
GQV
U1
MP5021GQV
AUTO
GND
VCC
NS
C2B
NS
C2C
NS
C2D
NS
C5
NS
C3B
CN4
GND
GND
EN
VIN
Figure 7: Typical Application Circuit with Soft Start time 10ms, Current Limit 12A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com