Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP5021 Datasheet(PDF) 14 Page - Monolithic Power Systems

Part # MP5021
Description  12V, 7mohm RDSon Hot-Swap Protection Device with Current Monitoring
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5021 Datasheet(HTML) 14 Page - Monolithic Power Systems

Back Button MP5021 Datasheet HTML 10Page - Monolithic Power Systems MP5021 Datasheet HTML 11Page - Monolithic Power Systems MP5021 Datasheet HTML 12Page - Monolithic Power Systems MP5021 Datasheet HTML 13Page - Monolithic Power Systems MP5021 Datasheet HTML 14Page - Monolithic Power Systems MP5021 Datasheet HTML 15Page - Monolithic Power Systems MP5021 Datasheet HTML 16Page - Monolithic Power Systems MP5021 Datasheet HTML 17Page - Monolithic Power Systems MP5021 Datasheet HTML 18Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
MP5021 – 12V, 7
mΩ RDSon HOT-SWAP PROTECTION DEVICE
MP5021 Rev. 1.1
www.MonolithicPower.com
14
1/30/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
Power-Good
The power-good indicates whether the output
voltage is in the normal range relative to the input
voltage, and is the open drain of a FET. Pull up
the PG pin to the external power supply through
a 100kΩ resistor. During power-up the power-
good output is driven low. This directs the system
to remain off and minimize the OUT load to
reduce in-rush current and power dissipation
during start-up.
When the device reaches the following conditions:
A. VFB>0.6V
B. VGS>3V
C. VOUT> VIN-1V
The power-good signal is pulled high. The
system can now draw full power.
When the FB voltage drops below 0.535V, the
power FET’s VGS voltage is less than a 3V or the
output voltage is less than VIN-1V, PG is switched
low.
The PG output is pulled low when either the EN
pin is below its threshold or the input
UVLO/OVLO is triggered.
With no input, the power good stays at a logic
low level in the presence of a pull-up supply.
FLTB Pin
The fault bar (FLTB) pin is an open drain output
used to indicate that a fault has occurred. Pull up
the FLTB pin to external power supply through a
100kΩ resistor.
When the device reaches its current limit, the die
temperature exceeds the thermal shutdown
threshold, or the MOSFET is shorted before
power-up, the fault output is driven low with a
10µs propagation delay. If a short occurs and the
current reaches its 25A secondary current limit,
the FLTB will switch low with an ~8μs delay.
The FLTB goes high when the MP5021 resumes
normal operation, which means the output
voltage exceeds the setting voltage of the PG-
rising threshold and power FET is fully ON
(VGS>3V).
External Pull-Up Voltage for PG and FLTB
The PG and FLTB need an external power
supply. The open-drain output of PG can work
well from the external pull-up voltage even when
VIN=0 and EN is disabled. Use a 100kΩ pull-up
resistor for PG and FLTB.
Power-Up Sequence
For hot-swappable applications, the input of the
MP5021 can experience a voltage spike or
transient during the hot-plug procedure. This
spike is caused by the parasitic inductance of the
input trace and the input capacitor. An insertion
delay determined by the external capacitor at the
TIMER pin stabilizes the input voltage.
As per Figure 4 (EN floating), the input voltage
rises immediately, and a 30Ω resistor pulls the
internal VGS voltage low .
TIMER
t
t1
4uA gate charge
VIN
1.23V
VGS
VOUT
ISWITCH
Insertion Delay Time
UVLO
30O Pull down
40uA
SS
4V clamp
5V
PG
Figure 4: Start-Up Sequence
The TIMER pin charges through a 40µA
constant-current source when the input voltage
reaches the UVLO threshold. When the TIMER
pin voltage reaches 1.23V, a 4µA current source
pulls up the power FET’s gate-source voltage.
Meanwhile, the TIMER pin voltage drops. Once
the gate voltage reaches its threshold, VGSTH, the
output voltage rises. The soft-start capacitor
determines the rise time.
Soft-Start
A capacitor connected to the SS pin determines
the soft-start time: When the insertion delay time
ends,
a
constant-current
source
that
is
proportional to the input voltage ramps up the
voltage on the SS pin. The output voltage rises at
a similar slew rate to the SS voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com