Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP5021 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP5021
Description  12V, 7mohm RDSon Hot-Swap Protection Device with Current Monitoring
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5021 Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP5021 Datasheet HTML 1Page - Monolithic Power Systems MP5021 Datasheet HTML 2Page - Monolithic Power Systems MP5021 Datasheet HTML 3Page - Monolithic Power Systems MP5021 Datasheet HTML 4Page - Monolithic Power Systems MP5021 Datasheet HTML 5Page - Monolithic Power Systems MP5021 Datasheet HTML 6Page - Monolithic Power Systems MP5021 Datasheet HTML 7Page - Monolithic Power Systems MP5021 Datasheet HTML 8Page - Monolithic Power Systems MP5021 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
MP5021 – 12V, 7
mΩ RDSon HOT-SWAP PROTECTION DEVICE
MP5021 Rev. 1.1
www.MonolithicPower.com
3
1/30/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
ORDERING INFORMATION
Part Number*
Package
Top Marking
MP5021GQV
QFN22 (3×5mm)
MP5021
For Tape & Reel, add suffix –Z (e.g. MP5021GQV–Z)
PACKAGE REFERENCE
TIMER
VIN
VIN
VIN
OUT
OUT
OUT
OUT
OUT
OUT
OUT
AUTO
ISET
FLTB
IMON
OUT
22
SS
GND
PD
FB
VIN
ENTM
10
VIN
21
11
12
EN
EXPOSED PAD
1
2
3
4
5
6
7
8
9
13
14
15
16
17
18
19
20
PG
VIN
ABSOLUTE MAXIMUM RATINGS (1)
VIN ..................................................-0.3V to 36V
OUT, PD .........................................-0.3V to 20V
EN, FLTB, PG, ISET, TIMER, IMON, SS, AUTO,
ENTM, FB
(2)..................................-0.3V to 6.5V
Continuous Power Dissipation (TA = +25°C)
(3)
............................................................. 2.7W
Power Dissipation (TA = +25°C, 10ms Single
Pulse)
............................................................ 215W
Maximum Current (TA = +25°C)
............................................................... 25A
Storage Temperature............... -65°C to +155°C
Operating Temperature............ -40°C to +150°C
Recommended Operating Conditions
(4)
Input Voltage Operating Range ......... 8V to 16V
Operating Junction Temp. (TJ). -40°C to +125°C
Thermal Resistance
(5)
θJA
θJC
QFN22 ....................................46 ...... 10 ... °C/W
Notes:
1) Exceeding these ratings may damage the device..
2) Maximum Input Voltage to be≤6.0V if Vcc ≥ 6.0V. Maximum
Input Voltage to be Vcc if Vcc ≤ 6.0V.
3) The maximum allowable power dissipation is a function of the
maximum junction temperature TJ (MAX), the junction-to-
ambient thermal resistance θJA, and the ambient temperature
TA. The maximum allowable continuous power dissipation at
any ambient temperature is calculated by PD (MAX) = (TJ
(MAX)-TA)/θJA. Exceeding the maximum allowable power
dissipation will cause excessive die temperature, and the
regulator will go into thermal shutdown. Internal thermal
shutdown circuitry protects the device from permanent
damage.
4) The device is not guaranteed to function outside of its
operating conditions.
5) Measured on JESD51-7 4-layer board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com