Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP5021 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP5021
Description  12V, 7mohm RDSon Hot-Swap Protection Device with Current Monitoring
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5021 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP5021 Datasheet HTML 1Page - Monolithic Power Systems MP5021 Datasheet HTML 2Page - Monolithic Power Systems MP5021 Datasheet HTML 3Page - Monolithic Power Systems MP5021 Datasheet HTML 4Page - Monolithic Power Systems MP5021 Datasheet HTML 5Page - Monolithic Power Systems MP5021 Datasheet HTML 6Page - Monolithic Power Systems MP5021 Datasheet HTML 7Page - Monolithic Power Systems MP5021 Datasheet HTML 8Page - Monolithic Power Systems MP5021 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
MP5021
12V, 7mΩ RDSon Hot-Swap Protection
Device with Current Monitoring
MP5021 Rev. 1.1
www.MonolithicPower.com
1
1/30/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP5021 is a hot-swap protection device
designed to protect circuitry on its output from
transients on its input. It also protects its input
from undesired shorts and transients coming
from its output.
At start up, the slew rate at the output limits the
in-rush current. An external capacitor at the SS
pin controls the slew rate.
The maximum output load is current limited using
a sense FET topology whereby a low-power
resistor from the ISET pin to ground controls the
magnitude of the current limit.
An internal charge pump drives the gate of the
power device, allowing for a power FET with a
very low ON resistance of 7mΩ.
The MP5021 includes an IMON option to
produce a voltage proportional to the current
through the power device, as set by a resistor
from the IMON pin to ground.
The MP5021 includes an optional discharge
function that provides a discharge path for the
external output capacitor when the part is
disabled. Fault protections include current-limit
protection, thermal shutdown, and damaged-
MOSFET detection. Both the current limit and
thermal shutdown have user-settable auto-retry
and latch-off mode. The device also features
over-voltage
protection
and
under-voltage
protection
The MP5021 is available in a 3mm×5mm QFN
package.
FEATURES
• Integrated 7mΩ Power FET
• Adjustable Current Limit (5A to 15A)
• Output Current Measurement
• ±5% Current Limit and Monitor Accuracy
• Fast Response (<200ns) for Short Protection
• PG Detector and FLTB Indication
• PG Assert Low at VIN=0
• Damaged MOSFET Detection
• External Soft-Start
• Programmable EN Blanking Time
• Under/Over-Voltage Lockout
• Thermal Protection
• Small 3mm×5mm QFN Package
APPLICATIONS
• Hot Swappable:
o
PC Cards
o
Disk Drives
o
Laptops
All MPS parts are lead-free and adhere to the RoHS directive. For MPS green
status, please visit MPS website under Products, Quality Assurance page.
“MPS” and “The Future of Analog IC Technology” are registered trademarks of
Monolithic Power Systems, Inc.


Similar Part No. - MP5021

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP5021B MPS-MP5021B Datasheet
1Mb / 21P
12 V, 7 mohm RDSon Hot-Swap Protection Device with Current Monitoring
MP5021BGQV MPS-MP5021BGQV Datasheet
1Mb / 21P
12 V, 7 mohm RDSon Hot-Swap Protection Device with Current Monitoring
More results

Similar Description - MP5021

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4215 LINER-LTC4215 Datasheet
350Kb / 24P
Hot Swap Controller with I2C Compatible Monitoring
logo
Maxim Integrated Produc...
MAX5950 MAXIM-MAX5950 Datasheet
552Kb / 28P
12V PWM Controller with Hot-Swap
Rev 0; 6/06
logo
Linear Technology
LTC4215-1 LINER-LTC4215-1 Datasheet
311Kb / 28P
Hot Swap Controller with I2C Compatible Monitoring
LTC4215-1 LINER-LTC4215-1_15 Datasheet
317Kb / 28P
Hot Swap Controller with I2C Compatible Monitoring
LTC4215-2 LINER-LTC4215-2_15 Datasheet
271Kb / 28P
Hot Swap Controller with I2C Compatible Monitoring
LTC4215-3 LINER-LTC4215-3_15 Datasheet
317Kb / 28P
Hot Swap Controller with I2C Compatible Monitoring
LTC4282 LINER-LTC4282 Datasheet
1Mb / 18P
High Current Hot Swap Controller with I2C Compatible Monitoring
logo
Monolithic Power System...
MP5021B MPS-MP5021B Datasheet
1Mb / 21P
12 V, 7 mohm RDSon Hot-Swap Protection Device with Current Monitoring
MP5022A MPS-MP5022A Datasheet
1Mb / 20P
12V, 3mohm Rds(on) Hot-Swap Protection Device With Current Monitoring
MP5022C MPS-MP5022C Datasheet
1Mb / 21P
12V, 3mohm RDS(ON), Hot-Swap Protection Device with Current Monitoring
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com