Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP5021 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP5021
Description  12V, 7mohm RDSon Hot-Swap Protection Device with Current Monitoring
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5021 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP5021 Datasheet HTML 1Page - Monolithic Power Systems MP5021 Datasheet HTML 2Page - Monolithic Power Systems MP5021 Datasheet HTML 3Page - Monolithic Power Systems MP5021 Datasheet HTML 4Page - Monolithic Power Systems MP5021 Datasheet HTML 5Page - Monolithic Power Systems MP5021 Datasheet HTML 6Page - Monolithic Power Systems MP5021 Datasheet HTML 7Page - Monolithic Power Systems MP5021 Datasheet HTML 8Page - Monolithic Power Systems MP5021 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
MP5021 – 12V, 7
mΩ RDSon HOT-SWAP PROTECTION DEVICE
MP5021 Rev. 1.1
www.MonolithicPower.com
4
1/30/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN = 12V, RSET=10k, COUT= 220μF, TJ=25°C, unless otherwise noted.
Parameters
Symbol
Condition
Min
Typ
Max
Units
Supply Current
EN=high, No load
1
2.0
mA
Fault latch off
0.7
mA
Quiescent Current
IQ
EN=0, VIN=16V
170
μA
Power FET
TJ=25°C
7
8.5
ON Resistance
RDSon
TJ=85°C
(6)
9
mΩ
Off-State Leakage Current
IOFF
VIN=36V, EN=0V
1
μA
Maximum Continuous Current
IOUT_MAX
10
A
Thermal Shutdown
Shutdown Temperature
(6)
τSTD
145
°C
Hysteresis
τHYS
Auto-Retry Mode Only
20
°C
Under/Over Voltage Protection
Under-Voltage Lockout Threshold
VUVLO
UVLO, Rising Threshold
5.85
6.6
7.35
V
UVLO Hysteresis
VUVLOHYS
300
mV
Over-Voltage Lockout Threshold
VOVLO
OVLO, Rising Threshold
16.5
17.66
18.96
V
OVLO Hysteresis
VOVLOHYS
460
mV
AUTO Pin
Low-Level Input Voltage
VAUTOL
Latch Off Mode
1
V
High-Level Input Voltage
VAUTOH
Auto Retry Mode
2.5
V
Soft Start
SS Pull-Up Current
ISS
ISS changes with input
10
12
14
μA
Current Limit
Current Limit at Normal Operation
ILimit_NO
Rset=10k
11.4
12.6
13.7
A
5A<
IOUT<10A
-3
+3
%
Current Monitor Accuracy
IMONACC
-40°C to +85°C
(6)
-5
+5
%
Current Limit Response Time
(6)
τCL
ILimit=3A, add 3Ω load
20
μs
Secondary Current Limit
ILimitH
Any value of RISET
25
A
Short-Circuit Protection Response
Time
(6)
τSC
200
ns
Timer
Upper Threshold Voltage
VTMRH
1.187
1.23
1.273
V
Lower Threshold Voltage
VTMRL
Over current restart cycles
0.200
V
Fault Restart Duty Cycle
VFAULT
0.25
%
Insertion Delay Charge Current
IINSERT
38.5
μA
Fault Detection Charge Current
IFLTD
200
μA
Fault Restart Sink Current
IFLTS
0.5
μA
Discharge RON
RFLTE
IOUT < ILimit
35
Ω
EN Blanking Timer (ENTM pin)
Upper Threshold Voltage
VENTMRH
1.187
1.23
1.273
V
Charge Current
IENTMCC
0.85
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com