Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP5021 Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP5021
Description  12V, 7mohm RDSon Hot-Swap Protection Device with Current Monitoring
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5021 Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP5021 Datasheet HTML 1Page - Monolithic Power Systems MP5021 Datasheet HTML 2Page - Monolithic Power Systems MP5021 Datasheet HTML 3Page - Monolithic Power Systems MP5021 Datasheet HTML 4Page - Monolithic Power Systems MP5021 Datasheet HTML 5Page - Monolithic Power Systems MP5021 Datasheet HTML 6Page - Monolithic Power Systems MP5021 Datasheet HTML 7Page - Monolithic Power Systems MP5021 Datasheet HTML 8Page - Monolithic Power Systems MP5021 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
MP5021 – 12V, 7
mΩ RDSon HOT-SWAP PROTECTION DEVICE
MP5021 Rev. 1.1
www.MonolithicPower.com
5
1/30/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS (continued)
VIN = 12V, RSET=10k, COUT= 220μF, TJ=25°C, unless otherwise noted.
Parameters
Symbol
Condition
Min
Typ
Max
Units
Enable
Rising Threshold
VENRS
1.5
2
2.3
V
Hysteresis
VENHYS
200
mV
FB (Power Good Feedback)
Feedback Rising Threshold
VFBH
0.567
0.600
0.633
V
Hysteresis
VFBHYS
54
65
75
mV
Fault Bar/Power Good
Low-Level Output Voltage
VOL
Sink current 1mA
0.3
V
Off-State Leakage Current
IPG_FLT_LKG VPG=5V, VFLTB=5V
1
μA
Fault Bar Propagation Delay
τPDE
21
μs
VOL_100
VIN=0V, Pull up to 3.3V
through 100kΩ resistor
580
700
mV
PG Low-Level Output Voltage
VOL_10
VIN=0V, Pull up to 3.3V
through 10kΩ resistor
700
750
mV
Notes:
6) Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com