Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP5021 Datasheet(PDF) 17 Page - Monolithic Power Systems

Part # MP5021
Description  12V, 7mohm RDSon Hot-Swap Protection Device with Current Monitoring
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5021 Datasheet(HTML) 17 Page - Monolithic Power Systems

Back Button MP5021 Datasheet HTML 11Page - Monolithic Power Systems MP5021 Datasheet HTML 12Page - Monolithic Power Systems MP5021 Datasheet HTML 13Page - Monolithic Power Systems MP5021 Datasheet HTML 14Page - Monolithic Power Systems MP5021 Datasheet HTML 15Page - Monolithic Power Systems MP5021 Datasheet HTML 16Page - Monolithic Power Systems MP5021 Datasheet HTML 17Page - Monolithic Power Systems MP5021 Datasheet HTML 18Page - Monolithic Power Systems MP5021 Datasheet HTML 19Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
MP5021 – 12V, 7
mΩ RDSon HOT-SWAP PROTECTION DEVICE
MP5021 Rev. 1.1
www.MonolithicPower.com
17
1/30/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
APPLICATION INFORMATION
Setting the Current Limit (RSET)
The MP5021 current limit value should exceed
the normal maximum load current, allowing the
tolerances in the current sense value. Estimate
the current limit from the following equation:
4
limit
SET
0.6(V)
I
=
20 10 (A)
R
××
The table below gives the bench results from the
evaluation board.
Current Limit vs. Current Limit Resistor
Current Limit Resistor (kΩ)
7.5
10
20
Current Limit (A)
15.9
12.1
6.08
RSET VS. Current Limit
0
2
4
6
8
10
12
14
16
18
20
6 1626 3646 5666 7686 96
Current Monitor
MP5021 provides a power-MOSFET-current
monitoring function. Place a resistor (RMON) to
ground to set the gain of the output as per the
following equation:
= powerfet
5
I
IIMON
10
Where Ipowerfet is the power MOSFET current.
For example:
RMON = 100kΩ→1V/A.
RMON = 10kΩ→100mV/A.
PCB Layout Guide
Use the following layout guidelines for the
MP5021:
1. Place the high-current paths (GND, IN, and
OUT) very close to the device using short,
direct, and wide traces.
2. Place the input capacitors as close to the IN
and GND pins as possible.
3. Place the external feedback resistors next to
the FB pin. Avoid placing any vias on the FB
trace
4. Place the Schottky diode close to the OUT
and GND pins. This Schottky diode can limit
the Vout negative excursion at the OUT pin
when the load current shuts off.
5. Connect the IN and GND pads to large
copper to achieve better thermal performance.
6. Place a small capacitor, (for example 1nF)
directly adjacent the VIN and GND pins to
minimize transients on the input supply line.
7. Put vias in the thermal pad and provide a
large copper area near the IN pin to improve
thermal performance.
VIN
1
2
3
4
5
6
7
8
9
20
19
18
17
16
15
14
13
12
OUT
OUT
OUT
OUT
OUT
OUT
OUT
OUT
PD
PG
FB
VIN
VIN
VIN
VIN
VIN
VIN
VIN
EN
AUTO
ISET
SS
GND
IMON
FLTB
VOUT
GND
ENTM
R3
TIMER
CENTM
CT
RSET
CSS
RMON
COUT
Top Layer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com