Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP5021 Datasheet(PDF) 10 Page - Monolithic Power Systems

Part # MP5021
Description  12V, 7mohm RDSon Hot-Swap Protection Device with Current Monitoring
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5021 Datasheet(HTML) 10 Page - Monolithic Power Systems

Back Button MP5021 Datasheet HTML 6Page - Monolithic Power Systems MP5021 Datasheet HTML 7Page - Monolithic Power Systems MP5021 Datasheet HTML 8Page - Monolithic Power Systems MP5021 Datasheet HTML 9Page - Monolithic Power Systems MP5021 Datasheet HTML 10Page - Monolithic Power Systems MP5021 Datasheet HTML 11Page - Monolithic Power Systems MP5021 Datasheet HTML 12Page - Monolithic Power Systems MP5021 Datasheet HTML 13Page - Monolithic Power Systems MP5021 Datasheet HTML 14Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
MP5021 – 12V, 7
mΩ RDSon HOT-SWAP PROTECTION DEVICE
MP5021 Rev. 1.1
www.MonolithicPower.com
10
1/30/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin #
Name
Description
1
EN
Enable Input. Pull this pin below threshold to shut the chip down. Pull it above
threshold or leaving it floating to enable the chip.
2
AUTO
Auto Reset Enable. Float to enable auto reset upon fault removal. Ground to cause
the part to latch off when a fault occurs.
3
ENTM
Enable-Blanking–Time Set. Connect an external capacitor to set the EN blanking
time. Once EN is active, the timer starts and the EN deassertion is blanked. The
switch shuts down in the presence of a fault, but EN-low during blanking has no
effect.
4
TIMER
Timer Set. An external capacitor sets the hot-plug-insertion time delay, fault timeout
period, and restart time.
5
ISET
Current Limit Set. Place a resistor to ground to set the value of the current limit.
6
SS
Soft-Start. An external capacitor connected sets the soft-start time of the output
voltage. The internal circuit controls the slew rate of the output voltage at turn-on.
Float this pin to set the soft-start time at its minimum of 1ms.
7
GND
Ground
8
IMON
Output Current Monitor. Provides a voltage proportional to the current flowing
through the power device. Place a resistor to ground to set the gain.
9
FLTB
Fault Bar. This is an open drain output that drives to ground when an over-current or
a thermal shutdown occurs. Pull-up to an external power supply through a 100kΩ
resistor.
10
PG
Power Good. This is an open drain output. Pull-up to external power supply through
100kΩ resistor. High = power-good. Low indicates output is outside UVLO/OVLO
window. PG starts to work when the pull-up supply is enabled, even if the VIN and
EN are still disabled.
11
FB
Feedback. An external resistor divider from the output sets the output voltage where
the PG pin switches. The rising threshold is 0.6V with 65mV hysteresis.
12
PD
Output Discharge. Connect to the output to provide a 500Ω load to discharge the
output when the part is disabled. No Connect disables this function.
13-20
OUT
Output. Voltage controlled by the IC. Place a Schottky diode between the OUT pin
and GND pin.
21-22,
Exposed
Pads
VIN
Input Power Supply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com