Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP5021 Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MP5021
Description  12V, 7mohm RDSon Hot-Swap Protection Device with Current Monitoring
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5021 Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MP5021 Datasheet HTML 9Page - Monolithic Power Systems MP5021 Datasheet HTML 10Page - Monolithic Power Systems MP5021 Datasheet HTML 11Page - Monolithic Power Systems MP5021 Datasheet HTML 12Page - Monolithic Power Systems MP5021 Datasheet HTML 13Page - Monolithic Power Systems MP5021 Datasheet HTML 14Page - Monolithic Power Systems MP5021 Datasheet HTML 15Page - Monolithic Power Systems MP5021 Datasheet HTML 16Page - Monolithic Power Systems MP5021 Datasheet HTML 17Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
MP5021 – 12V, 7
mΩ RDSon HOT-SWAP PROTECTION DEVICE
MP5021 Rev. 1.1
www.MonolithicPower.com
13
1/30/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
Vout
Iout
t
Current limit
t1
TIMER
Fault TimeoutPeriod
VGS
0.2V
1.23V
TRC
0
0
0
0
Over Load
200uA
Soft Start
Latch off at here
Current Limit Exit
Output short circuit
25A
5V
FLTB
0
EN
0
Insertion Delay Time
EN Restart
Figure 2: Over-Current Protection (Latch-Off Mode, AUTO=Low)
Vout
Iout
t
Current limit
t1
t2
TIMER
Fault TimeoutPeriod
VGS
Restart Timer
0.2V
1.23V
TRC
0
0
0
0
Over Load
200uA
0.5uA
4uA gate charge
Over load removed
Output short circuit
25A
TRS
~0.2us
fast pulldown
Short removed
5V
~2.5ms
td
FLTB
0
10us
TDL2
15us
Figure 3: Over-Current Protection (Auto-Retry Mode, AUTO=High)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com