Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP5021 Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP5021
Description  12V, 7mohm RDSon Hot-Swap Protection Device with Current Monitoring
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5021 Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP5021 Datasheet HTML 8Page - Monolithic Power Systems MP5021 Datasheet HTML 9Page - Monolithic Power Systems MP5021 Datasheet HTML 10Page - Monolithic Power Systems MP5021 Datasheet HTML 11Page - Monolithic Power Systems MP5021 Datasheet HTML 12Page - Monolithic Power Systems MP5021 Datasheet HTML 13Page - Monolithic Power Systems MP5021 Datasheet HTML 14Page - Monolithic Power Systems MP5021 Datasheet HTML 15Page - Monolithic Power Systems MP5021 Datasheet HTML 16Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
MP5021 – 12V, 7
mΩ RDSon HOT-SWAP PROTECTION DEVICE
MP5021 Rev. 1.1
www.MonolithicPower.com
12
1/30/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
OPERATION
The MP5021 limits the in-rush current to the load
when a circuit card is inserted into a live
backplane power source; thereby limiting the
backplane’s voltage drop and the dV/dt of the
voltage to the load. It provides an integrated
solution to monitor the input voltage, output
voltage, output current, and die temperature to
eliminate the need for an external current-sense
power resistor, power MOSFET, and thermal
sense device.
Current Limit
The MP5021 provides a constant current limit
that can be programmed by an external resistor.
Once the device reaches its current limit
threshold, the internal circuit regulates the gate
voltage to hold the current in the power FET
constant. In order to limit the current, the gate to
source voltage needs to drop from 5V to around
1V. The typical response time is about 20µs and
the output current may have a small overshoot
during this time period.
When the current limit triggers, the fault timer
starts. If the output current falls below the current
limit threshold before the end of the fault timeout
period, the MP5021 resumes normal operation.
Otherwise, if the current limit duration exceeds
the fault timeout period, the power FET turns off.
The subsequent behavior relates to the AUTO
pin configuration. If the temperature reaches the
thermal protection threshold during the fault
timeout period, the power FET turns off.
When the AUTO pin is floating, the part functions
in hiccup mode for over-current protection (OCP).
The part enters latch-off mode when the AUTO
pin to pulls to ground once it detects an over-
current condition and the duration exceeds the
preset value.
When the device reaches either its current limit
or its over-temperature threshold, the FLTB pin is
driven low with a 10μs propagation delay to
indicate a fault. The desired current limit at
normal operation is a function of the external
current limit resistor.
Short-Circuit Protection
If the load current increases rapidly due to a
short circuit, the current may exceed the current
limit threshold by a lot before the control loop can
respond. If the current reaches a 25A secondary
current limit level, a fast turn-off circuit activates
to turn off the power FET using a 100mA pull-
down gate discharge current, as shown in Figure
2. This limits the peak current through the switch
to limit the input voltage drop. The total short
circuit response time is about 200ns. And the
FLTB switches low once it reaches a 25A current
limit, and asserts low until the circuit resume to
normal.
Fault Timer & Restart
When the current reaches its over current limit
threshold, a 200µA fault timer current source
charges the external capacitor CT at the TIMER
pin. If the current limit state ceases before the
TIMER pin reaches 1.23V, the MP5021 returns to
normal operation mode and a low-value resistor
discharges CT after the TIMER voltage reaches
1.23V. If the current limit state continues after the
TIMER pin voltage reaches 1.23V, the power
FET switches off. The subsequent restart
procedure then depends on the selected retry
configuration.
If the AUTO pin connects to ground or low, the
MP5021 will latch off. Restart the input power or
cycle the EN signal to resume function.
Floating the AUTO pin causes the device to work
in hiccup mode, as shown in Figure 3. At the end
of the fault timeout period, the power switch turns
off, and a low current sink of 0.5µA discharges
the external capacitor CT.
When the TIMER voltage reaches the low
threshold 0.2V, the part restarts. If the fault
condition remains, the fault timeout period and
restart timer repeat.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com