Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4449 Datasheet(PDF) 69 Page - Linear Technology

Part # LTC4449
Description  Dual Output PolyPhase Step-Down DC/DC Voltage Mode Controller with Digital Power System Management
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4449 Datasheet(HTML) 69 Page - Linear Technology

Back Button LTC4449 Datasheet HTML 65Page - Linear Technology LTC4449 Datasheet HTML 66Page - Linear Technology LTC4449 Datasheet HTML 67Page - Linear Technology LTC4449 Datasheet HTML 68Page - Linear Technology LTC4449 Datasheet HTML 69Page - Linear Technology LTC4449 Datasheet HTML 70Page - Linear Technology LTC4449 Datasheet HTML 71Page - Linear Technology LTC4449 Datasheet HTML 72Page - Linear Technology LTC4449 Datasheet HTML 73Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 108 page
background image
LTC3882-1
69
Rev A
For more information www.analog.com
PMBus COMMAND DETAILS
PAGE
The PAGE command provides the ability to configure, control and monitor both PWM channels through only one
physical address, either the MFR_ADDRESS or GLOBAL device address. Each PAGE contains the operating memory
for one PWM channel.
Pages 0x00 and 0x01 correspond to Channel 0 and Channel 1, respectively, in this device.
Setting PAGE to 0xFF applies any following paged commands to both outputs. With PAGE set to 0xFF the LTC3882-1
will respond to read commands as if PAGE were set to 0x00 (Channel 0 results).
This command has one data byte.
PAGE_PLUS_WRITE
The PAGE_PLUS_WRITE command provides a way to set the page within a device, send a command and then send
the data for the command, all in one communication packet. Commands allowed by the present write protection level
may be sent with PAGE_PLUS_WRITE.
The value stored in the PAGE command is not affected by PAGE_PLUS_WRITE. If PAGE_PLUS_WRITE is used to send
a non-paged command, the Page Number byte is ignored.
This command uses Write Block protocol. An example of the PAGE_PLUS_WRITE command with PEC sending a com-
mand that has two data bytes is shown in Figure 49.
(by functional groups)
Figure 49. Example of PAGE_PLUS_WRITE
SLAVE
ADDRESS
PAGE_PLUS
COMMAND CODE
BLOCK COUNT
(= 4)
W A
A
S
7
8
8
1
PAGE
NUMBER
8
1
1 1
1
1
A
A
…
COMMAND
CODE
8
1
A
UPPER DATA
BYTE
A
A P
38821 F49
A
8
8
1
1 1
1
PEC BYTE
LOWER DATA
BYTE
8
ADDRESSING AND WRITE PROTECT
COMMAND NAME
CMD
CODE DESCRIPTION
TYPE
PAGED
DATA
FORMAT UNITS NVM
DEFAULT
VALUE
PAGE
0x00 Channel (page) presently selected for any
paged command.
R/W Byte
N
Reg
0x00
PAGE_PLUS_WRITE
0x05 Write a command directly to a specified page. W Block
N
PAGE_PLUS_READ
0x06 Read a command directly from a specified
page.
Block R/W
Process
N
WRITE_PROTECT
0x10 Protect the device against unintended PMBus
modifications.
R/W Byte
N
Reg
l
0x00
MFR_ADDRESS
0xE6 Specify right-justified 7-bit device address.
R/W Byte
N
Reg
l
0x4F
MFR_RAIL_ADDRESS
0xFA Specify unique right-justified 7-bit address
for channels comprising a PolyPhase output.
R/W Byte
Y
Reg
l
0x80
Related commands: MFR_COMMON.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com