Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4449 Datasheet(PDF) 71 Page - Linear Technology

Part # LTC4449
Description  Dual Output PolyPhase Step-Down DC/DC Voltage Mode Controller with Digital Power System Management
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4449 Datasheet(HTML) 71 Page - Linear Technology

Back Button LTC4449 Datasheet HTML 67Page - Linear Technology LTC4449 Datasheet HTML 68Page - Linear Technology LTC4449 Datasheet HTML 69Page - Linear Technology LTC4449 Datasheet HTML 70Page - Linear Technology LTC4449 Datasheet HTML 71Page - Linear Technology LTC4449 Datasheet HTML 72Page - Linear Technology LTC4449 Datasheet HTML 73Page - Linear Technology LTC4449 Datasheet HTML 74Page - Linear Technology LTC4449 Datasheet HTML 75Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 108 page
background image
LTC3882-1
71
Rev A
For more information www.analog.com
PMBUS_REVISION
The PMBUS_REVISION command returns the revision of the PMBus Specification that the device supports. The
LTC3882-1 is compliant with PMBus Version 1.2, both Part I and Part II.
This read-only command has one data byte.
CAPABILITY
The CAPABILITY command reports some key LTC3882-1 features to the PMBus host device.
The LTC3882-1 supports packet error checking, 400kHz bus speeds and has an ALERT output.
This read-only command has one data byte.
GENERAL DEVICE CONFIGURATION
COMMAND NAME
CMD
CODE DESCRIPTION
TYPE
PAGED
DATA
FORMAT UNITS NVM
DEFAULT
VALUE
PMBUS_REVISION
0x98 Supported PMBus version.
R Byte
Y
Reg
0x22
V1.2
CAPABILITY
0x19 Summary of supported optional PMBus
features.
R Byte
N
Reg
0xB0
MFR_CONFIG_ALL_LTC3882-1
0xD1 LTC3882-1 device-level configuration.
R/W Byte
N
Reg
l
0x01
PMBus COMMAND DETAILS (Addressing and Write Protect)
MFR_ADDRESS
The MFR_ADDRESS command sets the seven bits of the PMBus device address for this unit (right justified).
Setting this command to a value of 0x80 disables device-level addressing. The GLOBAL device addresses 0x5A and
0x5B cannot be disabled. The LTC3882-1 always responds at these addresses. Even if bit 6 of MFR_CONFIG_ALL_
LTC3882-1 is set to ignore the device resistor configuration pins, any valid address, or portion of an address, specified
with external resistors on ASEL0 or ASEL1 is applied. If both of these pins are open, the device address is determined
strictly by the MFR_ADDRESS value stored in EEPROM. Refer to the Operation section on Resistor Configuration Pins
for additional details.
This command has one data byte.
MFR_RAIL_ADDRESS
The MFR_RAIL_ADDRESS command sets a direct 7-bit PMBus address (right justified) for the active channel(s) as
determined by the PAGE command. This address should be common to all channels attached to a single power supply
rail. Setting this command to a value of 0x80 disables rail device addressing for the selected channel. Only command
writes should be made to the rail address. If a read is performed from this address, a CML fault may result.
This command has one data byte.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com