Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4449 Datasheet(PDF) 43 Page - Linear Technology

Part # LTC4449
Description  Dual Output PolyPhase Step-Down DC/DC Voltage Mode Controller with Digital Power System Management
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4449 Datasheet(HTML) 43 Page - Linear Technology

Back Button LTC4449 Datasheet HTML 39Page - Linear Technology LTC4449 Datasheet HTML 40Page - Linear Technology LTC4449 Datasheet HTML 41Page - Linear Technology LTC4449 Datasheet HTML 42Page - Linear Technology LTC4449 Datasheet HTML 43Page - Linear Technology LTC4449 Datasheet HTML 44Page - Linear Technology LTC4449 Datasheet HTML 45Page - Linear Technology LTC4449 Datasheet HTML 46Page - Linear Technology LTC4449 Datasheet HTML 47Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 108 page
background image
LTC3882-1
43
Rev A
For more information www.analog.com
APPLICATIONS INFORMATION
The minimum saturation current rating should be chosen
to allow margin due to manufacturing and temperature
variation in the sense resistor or inductor DCR. A reason-
able ISAT value would be 2.2 • IOUT.
The programmed current limit IOUT_OC_FAULT_LIMIT
must be low enough to ensure that the inductor never
saturates and high enough to allow increased current
during transient conditions with margin for DCR variation.
For example, if
ISAT = 2.2 • IOUT, and
IMAX = 1.6 • IOUT
a reasonable output current limit would be
IOUT_OC_FAULT_LIMIT = 1.8 • IOUT
Once the value of L is known, the type of inductor must be
selected.Highefficiencyconvertersgenerallycannotafford
the core losses found in low cost powdered iron cores,
forcingtheuseofmoreexpensiveferriteormolypermalloy
cores.Also,corelossesdecreaseasinductanceincreases.
Unfortunately, increased inductance requires more turns
of wire, larger inductance and larger copper losses.
Ferrite designs have very low core loss and are preferred at
high switching frequencies. However, these core materials
exhibit hard saturation, causing an abrupt reduction in the
inductance when the peak current capability is exceeded.
Do not allow the core to saturate!
Power MOSFET Selection
The LTC3882-1 requires at least two external N-channel
powerMOSFETsperchannel,oneforthetop(main)switch
andoneormoreforthebottom(synchronous)switch.The
number, type and on-resistance of the MOSFETs selected
should take into account the voltage step-down ratio and
the FET circuit position (main or synchronous switch).
A much smaller and lower input capacitance MOSFET
should be used for the top MOSFET in applications that
have an output voltage that is less than one-third of the
input voltage. At operating frequencies above 300kHz
and where VIN >> VOUT, the top MOSFET on-resistance
is normally less important for overall efficiency than its
input capacitance. MOSFET manufacturers have designed
special purpose devices that provide reasonably low on-
resistance with significantly reduced input capacitance
for the main switch application in switching regulators.
Selection criteria for the power MOSFETs include on-
resistance, gate charge, Miller capacitance, breakdown
voltage and maximum output current.
For maximum efficiency, RDS(ON) and QG should be mini-
mized. Low RDS(ON) minimizes conduction losses and low
QG minimizes switching and transition losses. MOSFET
gate charge can be taken from the typical gate charge
curve included on most data sheets (Figure 21).
Figure 21. Typical MOSFET Gate Charge Curve
CMILLER is the most important selection criteria for deter-
mining the transition loss term in the top MOSFET but is
not directly specified on MOSFET data sheets. CMILLER is
equal to the increase in gate charge along the horizontal
axis of Figure 21 while the curve is approximately flat,
divided by the specified change in VDS. This result is
then multiplied by the ratio of the actual application VDS
to the VDS specified on the gate charge curve. When the
controller is operating in continuous mode the duty cycles
for the top and bottom MOSFETs are given by:
Main Switch Duty Cycle =
VOUT
VIN
Synchronous Switch Duty Cycle =
VIN – VOUT
VIN
38821 F21
MILLER EFFECT
QIN
CMILLER = (QB – QA)/VDS
VGS
QA
QB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com