Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4449 Datasheet(PDF) 16 Page - Linear Technology

Part # LTC4449
Description  Dual Output PolyPhase Step-Down DC/DC Voltage Mode Controller with Digital Power System Management
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4449 Datasheet(HTML) 16 Page - Linear Technology

Back Button LTC4449 Datasheet HTML 12Page - Linear Technology LTC4449 Datasheet HTML 13Page - Linear Technology LTC4449 Datasheet HTML 14Page - Linear Technology LTC4449 Datasheet HTML 15Page - Linear Technology LTC4449 Datasheet HTML 16Page - Linear Technology LTC4449 Datasheet HTML 17Page - Linear Technology LTC4449 Datasheet HTML 18Page - Linear Technology LTC4449 Datasheet HTML 19Page - Linear Technology LTC4449 Datasheet HTML 20Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 108 page
background image
LTC3882-1
16
Rev A
For more information www.analog.com
TEST CIRCUIT
TIMING DIAGRAM
OPERATION
SDA
SCL
tHD(STA)
tHD(DAT)
tSU(STA)
tSU(STO)
tSU(DAT)
tLOW
tHD(SDA)
tSP
tBUF
START
CONDITION
STOP
CONDITION
REPEATED START
CONDITION
START
CONDITION
tr
tf
tr
tf
tHIGH
38821 TD
(Channel 0 Example)
1
35
36
40
–
+
DIGITAL
LTC3882-1
COMP0
FB0
VSENSE0+
VR
VSENSE0–
1.024V
1V
12-BIT
D/A
LTC1055
TARGET = VOUT_COMMAND
EA
38821 TC
Overview
The LTC3882-1 is a dual channel/dual phase, constant
frequency analog voltage mode controller for DC/DC step-
down applications. It features a PMBus compliant digital
interface for monitoring and control of important power
system parameters. The chip operates from an IC power
supplybetween3Vand13.2Vandisintendedforconversion
from VIN between 3V and 38V to output voltages between
0.5V and 5.25V. It is designed to be used in a switching
architecture with external FET drivers, including higher
level integrations such as non-isolated power blocks.
Major features include:
• Digitally Programmable Output Voltage
• Digitally Programmable Output Current Limit
• Digitally Programmable Input Voltage Supervisor
• Digitally Programmable Output Voltage Supervisors
• Digitally Programmable Switching Frequency
• Digitally Programmable On and Off Delay Times
• Digitally Programmable Soft-Start/Stop



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com