Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4449 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC4449
Description  Dual Output PolyPhase Step-Down DC/DC Voltage Mode Controller with Digital Power System Management
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4449 Datasheet(HTML) 1 Page - Linear Technology

  LTC4449 Datasheet HTML 1Page - Linear Technology LTC4449 Datasheet HTML 2Page - Linear Technology LTC4449 Datasheet HTML 3Page - Linear Technology LTC4449 Datasheet HTML 4Page - Linear Technology LTC4449 Datasheet HTML 5Page - Linear Technology LTC4449 Datasheet HTML 6Page - Linear Technology LTC4449 Datasheet HTML 7Page - Linear Technology LTC4449 Datasheet HTML 8Page - Linear Technology LTC4449 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 108 page
background image
LTC3882-1
1
Rev A
For more information www.analog.com
Document Feedback
TYPICAL APPLICATION
FEATURES
DESCRIPTION
Dual Output PolyPhase
Step-Down DC/DC Voltage Mode Controller
with Digital Power System Management
The LTC®3882-1 is a dual, PolyPhase DC/DC synchronous
step-down switching regulator controller with PMBus
compliant serial interface. It uses a constant frequency,
leading-edge modulation, voltage mode architecture for
excellent transient response and output regulation. Each
PWM channel can produce output voltages from 0.5V to
5.25Vusingawiderangeof3.3Vcompatiblepowerstages,
including power blocks, DrMOS or discrete FET drivers.
Up to four LTC3882-1 devices can operate in parallel for
2-, 3-, 4-, 6- or 8-phase operation.
System configuration and monitoring is supported by the
LTpowerPlay™softwaretool.TheLTC3882-1serialinterface
can read back input voltage, output voltage and current,
temperatureandfaultstatus.Mostoperatingparameterscan
be set via the digital interface or stored in internal EEPROM
for use at power up. Switching frequency and phase, output
voltage and device address can also be set using external
configuration resistors.
n
PMBus/I2C Compliant Serial Interface
– Monitor Voltage, Current, Temperature and Faults
– Program Voltage, Soft-Start/Stop, Sequencing,
Margining, AVP and UV/OV/OC Limits
n
3V ≤ VINSNS ≤ 38V, 0.5V ≤ VOUT ≤ 5.25V
n
±0.5% Output Voltage Error
n
Programmable PWM Frequency or External Clock
Synchronization from 250kHz to 1.25MHz
n
Accurate PolyPhase® Current Sharing
n
Internal EEPROM with Fault Logging and ECC
n
IC Supply Range: 3V to 13.2V
n
Resistor or Inductor DCR Current Sensing
n
Power Good Output Voltage Monitor
n
Optional Resistor Programming for Key Parameters
n
40-Pin (6mm × 6mm) QFN Package
All registered trademarks and trademarks are the property of their respective owners. Protected
by U.S. Patents, including 5396245, 5859606, 6144194, 6937178, 7420359 and 7000125.
APPLICATIONS
n
High Current Distributed Power Systems
n
Servers, Network and Storage Equipment
n
Intelligent Energy Efficient Power Regulation
LTC3882-1
SDA
RUN1
ISENSE0+
ISENSE0–
VSENSE0+
VSENSE0–
VSENSE1–
RUN0
FAULT1
FAULT0
FB0
COMP0
TSNS0
TSNS1
GND
38821 TA01a
IAVG_GND
PWM0
VSENSE1+
ISENSE1–
ISENSE1+
PWM1
VIN
7V TO 13.2V
TO/FROM
MCU
SCL
ALERT
COMP1
VCC VINSNS
FDMF5820DC
FDMF5820DC
INDUCTORS: COOPER FP1007R1-R22
SOME DETAILS OMITTED FOR CLARITY
PWM
VIN
VOUT
1V
70A
SW
GND
IAVG1
IAVG0
TO/FROM
EXTERNAL DEVICES
PGOOD1
SYNC
SHARE_CLK
PGOOD0
PWM
VIN
SW
GND
Load Step Transient Current Sharing
(Using FDMF5820DC DrMOS)
PWM ENABLE
OUTPUT
TG/BG
CONTROL
HW WRITE
PROTECT
DEDICATED
PGOOD OUTPUT
DIFFERENTIAL
VOUT SENSE
LTC3882
•
•
•
VOUT0 Only
LTC3882-1
•
VOUT0 & VOUT1
50µs/DIV
IOUT
10A/DIV
IL0, IL1
10A/DIV
38821 TA01b


Similar Part No. - LTC4449

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4449 LINER-LTC4449 Datasheet
169Kb / 12P
High Speed Synchronous N-Channel MOSFET Driver
LTC4449 LINER-LTC4449 Datasheet
194Kb / 18P
High Side Micropower MOSFET Driver Fully Enhances N-Channel Power MOSFETs
LTC4449 LINER-LTC4449 Datasheet
199Kb / 16P
N-Channel MOSFET Gate Driver Available in SO-8 and 10-Lead MSOP
LTC4449 LINER-LTC4449 Datasheet
550Kb / 36P
Dual, Multiphase Step-Down Voltage Mode DC/DC Controller with Accurate Current Sharing
LTC4449 LINER-LTC4449 Datasheet
182Kb / 14P
High Speed Synchronous N-Channel MOSFET Driver
More results

Similar Description - LTC4449

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3883 LINER-LTC3883 Datasheet
1Mb / 112P
Single Phase Step-Down DC/DC Controller with Digital Power System Management
LTC3880 LINER-LTC3880_15 Datasheet
1Mb / 116P
Dual Output PolyPhase Step-Down DC/DC Controller with Digital Power System Management
LTC3880-1 LINER-LTC3880-1_15 Datasheet
1Mb / 116P
Dual Output PolyPhase Step-Down DC/DC Controller with Digital Power System Management
LTC3882 LINER-LTC3882_15 Datasheet
1Mb / 104P
Dual Output PolyPhase Step-Down DC/DC Voltage Mode Controller with Digital Power System Management
LTC3883 LINER-LTC3883_15 Datasheet
1Mb / 112P
Single Phase Step-Down DC/DC Controller with Digital Power System Management
LTC3886 LINER-LTC3886 Datasheet
686Kb / 8P
Programming Board for Dual Output Step Down DC/DC Controller with Digital Power System Management
LTC3886IUKG LINER-LTC3886IUKG Datasheet
3Mb / 26P
60V Dual Output Step-Down DC/DC Controller with Digital Power System Management
LTC3887EUJ LINER-LTC3887EUJ Datasheet
1Mb / 14P
Step-Down DC/DC Controller with Digital Power System Management
LTC3887EUJ-1 LINER-LTC3887EUJ-1 Datasheet
699Kb / 12P
Dual Output PolyPhase Step-Down DC/DC Converter with Digital Power System Management
logo
Analog Devices
LTC7883 AD-LTC7883 Datasheet
1Mb / 26P
Quad Output PolyPhase Step-Down DC/DC Voltage Mode Controller with Digital Power System Management
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com