Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4449 Datasheet(PDF) 32 Page - Linear Technology

Part # LTC4449
Description  Dual Output PolyPhase Step-Down DC/DC Voltage Mode Controller with Digital Power System Management
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4449 Datasheet(HTML) 32 Page - Linear Technology

Back Button LTC4449 Datasheet HTML 28Page - Linear Technology LTC4449 Datasheet HTML 29Page - Linear Technology LTC4449 Datasheet HTML 30Page - Linear Technology LTC4449 Datasheet HTML 31Page - Linear Technology LTC4449 Datasheet HTML 32Page - Linear Technology LTC4449 Datasheet HTML 33Page - Linear Technology LTC4449 Datasheet HTML 34Page - Linear Technology LTC4449 Datasheet HTML 35Page - Linear Technology LTC4449 Datasheet HTML 36Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 108 page
background image
LTC3882-1
32
Rev A
For more information www.analog.com
OPERATION
Serial Interface
TheLTC3882-1hasaPMBuscompliantserialinterfacethat
can operate at any frequency between 10kHz and 400kHz.
The LTC3882-1 is a bus slave device that communicates
bidirectionally with a host (master) using standard PMBus
protocols. The Timing Diagram found earlier in this docu-
ment, along with related Electrical Characteristics table
entries, define the timing relationships of the SDA and SCL
bus signals. SDA and SCL must be high when the bus is
not in use. External pull-up resistors or current sources
are required on these lines.
PMBus, an incremental extension of the SMBus standard,
offersmorerobustoperationthana2-wireI2Cinterface.In
addition to adding a protocol layer to improve interoper-
ability and facilitate reuse, PMBus supports bus timeout
recoveryforsystemreliability,optionalpacketerrorcheck-
ing to ensure data integrity, and peripheral hardware alerts
for system fault management. In general, a programmable
device capable of functioning as an I2C bus master can be
configuredforPMBusmanagementwithlittleornochange
tohardware.However,notallI2Ccontrollerssupportrepeat
start (restart) required for PMBus reads.
For a description of the minor extensions and exceptions
PMBus makes to the SMBus standard, refer to PMBus
SpecificationPartIRevision1.2Paragraph5onTransport.
For a description of the differences between SMBus and
I2C, refer to System Management Bus (SMBus) Specifi-
cation Version 2.0 Appendix B on Differences Between
SMBus and I2C.
The user is encouraged to reference Part I of the latest
PMBus Power System Management Protocol Specifica-
tion to understand how to interface the LTC3882-1 to a
PMBus system. This specification can be found at http://
www.pmbus.org/specs.html.
TheLTC3882-1usesthefollowingstandardserialinterface
protocolsdefinedintheSMBusandPMBusspecifications:
• Quick Command
• Send Byte
• Write Byte
• Write Word
• Read Byte
• Read Word
• Block Read
• Block Write – Block Read Process Call
• Alert Response Address
The LTC3882-1 does not require PEC for Quick Command
under any circumstances. The LTC3882-1 also supports
group command protocol (GCP) as required by PMBus
specificationPartI,section5.2.3.GCPisusedtosendcom-
mands to more than one PMBus device in one continuous
transmission. It should not be used with commands that
require the receiving device to respond with data, such as
a STATUS_BYTE command. Refer to Part I of the PMBus
specification for additional details on using GCP.
AllLTC3882-1messagetransmissiontypesallowforpacket
error checking. The later section on Serial Communication
Errors provides more detail on packet error checking.
Figure 4 to Figure 20 illustrate these protocols. Figure 3
provides a key to the protocol diagrams. Not all protocol
elements will be present in every data packet. For instance,
not all packets are required to include the packet error
code. A number shown above a field in these diagrams
indicates the number of bits in that field. All data transfers
are initiated by the present bus master regardless of how
many times data direction flow may change during the
subsequent transmission. The LTC3882-1 never functions
as a bus master.
This device includes handshaking features to ensure ro-
bust system communication. Please refer to the PMBus
Communication and Command Processing section in
Applications Information for more details.
Serial Bus Addressing
The LTC3882-1 supports four types of serial bus ad-
dressing:
• Global Bus Addressing
• Power Rail Addressing
• Individual Device Addressing
• Page+ Channel Addressing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com