Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4449 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC4449
Description  Dual Output PolyPhase Step-Down DC/DC Voltage Mode Controller with Digital Power System Management
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4449 Datasheet(HTML) 5 Page - Linear Technology

  LTC4449 Datasheet HTML 1Page - Linear Technology LTC4449 Datasheet HTML 2Page - Linear Technology LTC4449 Datasheet HTML 3Page - Linear Technology LTC4449 Datasheet HTML 4Page - Linear Technology LTC4449 Datasheet HTML 5Page - Linear Technology LTC4449 Datasheet HTML 6Page - Linear Technology LTC4449 Datasheet HTML 7Page - Linear Technology LTC4449 Datasheet HTML 8Page - Linear Technology LTC4449 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 108 page
background image
LTC3882-1
5
Rev A
For more information www.analog.com
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX UNITS
IC Supply
VCC
VCC Voltage Range
VDD33 = Internal LDO
4.5
13.8
V
VDD33_EXT
VDD33 Voltage Range
VCC = VDD33 (Note 6)
l
3
3.6
V
VUVLO
Undervoltage Lockout Threshold
VDD33 Rising
Hysteresis
l
42
3
V
mV
IQ
IC Operating Current
32
mA
tINIT
Controller Initialization Time
Delay from RESTORE_USER_ALL, MFR_RESET or
VDD33 > VUVLO Until TON_DELAY Can Begin
35
ms
VDD33 Linear Regulator
VDD33
VDD33 Regulator Output Voltage
VCC ≥ 4.5V
3.2
3.3
3.4
V
IDD33
VDD33 Current Limit
VDD33 = 2.8V
VDD33 = 0V
85
40
mA
mA
VDD25 Linear Regulator
VDD25
VDD25 Regulator Output Voltage
2.25
2.5
2.75
V
IDD25
VDD25 Current Limit
95
mA
PWM Control Loops
VINSNS
VIN Sense Voltage Range
3
38
V
RVINSNS
VINSNS Input Resistance
278
kΩ
VOUT_R0
Range 0 Maximum VOUT
Range 0 Set Point Error (Note 7)
Range 0 Set Point Resolution
0.6V ≤ VOUT ≤ 5V
0.6V ≤ VOUT ≤ 5V
l
–0.5
5.25
±0.2
1.375
0.5
V
%
%
mV
VOUT_R1
Range 1 Maximum VOUT
Range 1 Set Point Error (Note 7)
Range 1 Set Point Resolution
0.6V ≤ VOUT ≤ 2.5V
0.6V ≤ VOUT ≤ 2.5V
l
–0.5
2.65
±0.2
0.6875
0.5
V
%
%
mV
IVSENSE
VSENSE Input Current
VSENSE+ = 5.5V
VSENSE– = 0V
235
–335
µA
µA
VLINEREG
VCC Line Regulation, No Output Servo
4.5V ≤ VCC ≤ 13.2V (See Test Circuit)
–0.02
0.02
%/V
AVP
AVP ∆VOUT
AVP = 10%, VOUT_COMMAND = 1.8V,
ISENSE Differential Step 3mV to 12mV
with IOUT_OC_WARN_LIMIT = 15mV
l
–118
–108
–96
mV
AV(OL)
Error Amplifier Open-Loop Voltage Gain
87
dB
SR
Error Amplifier Slew Rate
9.5
V/µs
f0dB
Error Amplifier Bandwidth
(Note 12)
30
MHz
ICOMP
Error Amplifier Output Current
Sourcing
Sinking
–2.6
34
mA
mA
RVSFB
Resistance Between VSENSE+ and FB
Range 0
Range 1
l
l
52
37
67
49
83
61
kΩ
kΩ
VISENSE
ISENSE Differential Input Range
±70
mV
IISENSE
ISENSE± Input Current
0V ≤ VPIN ≤ 5.5V
–1
±0.1
1
µA
IAVG_VOS
IAVG Current Sense Offset
Referred to ISENSE Inputs
l
–600
±175
650
µV
µV
VSIOS
Slave Current Sharing Offset
Referred to ISENSE Inputs
l
–800
±300
700
µV
µV
fSYNC
SYNC Frequency Error
250kHz ≤ fSYNC ≤ 1.25MHz
l
–10
10
%
The l denotes the specifications which apply over the specified operating
junction temperature range, otherwise specifications are at TJ = 25°C (Note 2). VCC = 5V, VSENSE0+ = VSENSE1+ = 1.8V, VSENSE0– =
VSENSE1– = IAVG_GND = GND = 0V, fSYNC = 500kHz (externally driven) unless otherwise specified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com