Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4449 Datasheet(PDF) 31 Page - Linear Technology

Part # LTC4449
Description  Dual Output PolyPhase Step-Down DC/DC Voltage Mode Controller with Digital Power System Management
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4449 Datasheet(HTML) 31 Page - Linear Technology

Back Button LTC4449 Datasheet HTML 27Page - Linear Technology LTC4449 Datasheet HTML 28Page - Linear Technology LTC4449 Datasheet HTML 29Page - Linear Technology LTC4449 Datasheet HTML 30Page - Linear Technology LTC4449 Datasheet HTML 31Page - Linear Technology LTC4449 Datasheet HTML 32Page - Linear Technology LTC4449 Datasheet HTML 33Page - Linear Technology LTC4449 Datasheet HTML 34Page - Linear Technology LTC4449 Datasheet HTML 35Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 108 page
background image
LTC3882-1
31
Rev A
For more information www.analog.com
OPERATION
Factory Default Operation
The LTC3882-1 ships from the factory with a default con-
figuration stored in its non-volatile memory, unless custom
programming has been requested. These command values
areloadedintovolatileRAMwhenthechipisinitialized.Prior
to receiving any PMBus commands, a stock LTC3882-1 will
operate in the factory default mode. If a STORE_USER_
ALL command is executed, the contents of the non-volatile
memory are replaced with active command values from
internalRAM,andthatwillpermanentlyoverwritethefactory
defaults. Table 5 summarizes the default factory operation
settings of the LTC3882-1 if all resistor configuration pins
are left open. These defaults allow parameters listed in bold
text in the table to be overridden with configuration resistor
programming. Warning limits are given in Table 5 because
exceedingthemwillcausetheALERTpintobeassertedeven
if the PMBus interface is not being utilized.
Table 5. Factory Default Operation Summary
PARAMETER*
DEFAULT SETTING
UNITS
PMBus Address
All writes enabled to Channel 0 at address 0x4F (no PEC).
–
Operation
OPERATION enabled with RUN pin control and soft-off.
–
Input Voltage OFF Threshold
6.0
V
Input Voltage UV Warning Limit
6.3
V
Input Voltage ON Threshold
6.5
V
Input Voltage OV Fault Limit
15.5
V
Input Voltage OV Fault Response
Latch off.
–
Soft-Start Time
8 (with no delay).
ms
Maximum Start-Up Time (TMAX)
10
ms
TMAX Fault Response
Retry every 350ms.
–
Output Voltage UV Fault/Warning Limits
0.900/0.925
V
Output Voltage UV Fault Response
Retry every 350ms.
–
Output Voltage
1.000
V
Active Voltage Positioning
Disabled.
–
Output Voltage OV Warning/Fault Limits
1.075/1.100
V
Output Voltage OV Fault Response
Retry every 350ms.
–
Shut Down
8ms soft-off.
–
Output Current Sense Element
0.63mΩ with 3930ppm/°C TC.
–
Output Current OC Warning/Fault Limits
20/29.75
A
Output Current OC Fault Response
Ignore
–
PWM Switching Mode
Continuous inductor current only.
–
PWM Control Protocol
Three-State PWM.
–
PWM Switching Frequency
500
kHz
Channel 0/1 Phase
0/180
Degrees
Internal Overtemperature Warning/Fault Limits
130/160
°C
Internal Overtemperature Responses
Warning: EEPROM disabled; Fault: PWM disabled.
–
External Undertemperature Fault Limit
–40
°C
External Undertemperature Fault Response
Retry every 350ms.
–
External Overtemperature Warning/Fault Limits
85/100
°C
External Overtemperature Fault Response
Retry every 350ms.
–
FAULT
Asserts low for the following faults: VOUT UV or OV, VIN OV, external or internal OT,
external UT, TON_MAX, or output short cycle.
–
ALERT Masking
ALERTs are masked for loss of PLL lock and external FAULT inputs.
–
*bold entries can be changed with external configuration resistors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com