Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4449 Datasheet(PDF) 36 Page - Linear Technology

Part # LTC4449
Description  Dual Output PolyPhase Step-Down DC/DC Voltage Mode Controller with Digital Power System Management
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4449 Datasheet(HTML) 36 Page - Linear Technology

Back Button LTC4449 Datasheet HTML 32Page - Linear Technology LTC4449 Datasheet HTML 33Page - Linear Technology LTC4449 Datasheet HTML 34Page - Linear Technology LTC4449 Datasheet HTML 35Page - Linear Technology LTC4449 Datasheet HTML 36Page - Linear Technology LTC4449 Datasheet HTML 37Page - Linear Technology LTC4449 Datasheet HTML 38Page - Linear Technology LTC4449 Datasheet HTML 39Page - Linear Technology LTC4449 Datasheet HTML 40Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 108 page
background image
LTC3882-1
36
Rev A
For more information www.analog.com
OPERATION
Serial Bus Timeout
The LTC3882-1 implements a timeout feature to avoid
hanging the serial interface. The data packet timer be-
gins running at the first START event before the SLAVE
ADDRESS write byte and ends with the STOP bit. Packet
transmission must be completed before the timer expires,
or the LTC3882-1 will tri-state the bus and ignore all mes-
sage data. The data packet includes the SLAVE ADDRESS
byte, COMMAND CODE byte, repeated START and SLAVE
ADDRESS byte (if a read operation), all ACKNOWLEDGE
and flow control bits (R/W) and all data bytes.
The packet timer is typically set to 30ms. If bit 3 of MFR_
CONFIG_ALL_LTC3882-1 is set, this period is extended
to 255ms. The LTC3882-1 automatically allows a packet
transmission time of 255ms for MFR_FAULT_LOG block
reads regardless of the setting of this bit. In no circum-
stances will the timeout period be less than the tTIMEOUT
specification (25ms minimum).
The LTC3882-1 supports the full PMBus frequency range
of 10kHz to 400kHz.
Serial Communication Errors
The LTC3882-1 supports the optional PMBus packet error
checking protocol. This protocol appends a packet error
code (PEC) to the end of applicable message transfers to
improve communication reliability. The PEC is a CRC-8
error-checking byte calculated by the bus device sending
the last data byte. Refer to SMBus specification 1.2 or
higherforadditionalimplementationdetails.AllLTC3882-1
read operations will return a valid PEC if the bus master
requests it. If bit 2 in the MFR_CONFIG_ALL_LTC3882-1
command is set, the IC will not act in response to a bus
write operation unless a valid PEC is also received from
the host.
PEC errors on command writes, attempts to access un-
supported commands, or writing invalid data to supported
commands all cause the LTC3882-1 to generate a CML
fault. The CML bit is then set in the STATUS_BYTE and
STATUS_WORD commands, and the appropriate bit is set
in the STATUS_CML command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com