Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4449 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC4449
Description  Dual Output PolyPhase Step-Down DC/DC Voltage Mode Controller with Digital Power System Management
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4449 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC4449 Datasheet HTML 4Page - Linear Technology LTC4449 Datasheet HTML 5Page - Linear Technology LTC4449 Datasheet HTML 6Page - Linear Technology LTC4449 Datasheet HTML 7Page - Linear Technology LTC4449 Datasheet HTML 8Page - Linear Technology LTC4449 Datasheet HTML 9Page - Linear Technology LTC4449 Datasheet HTML 10Page - Linear Technology LTC4449 Datasheet HTML 11Page - Linear Technology LTC4449 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 108 page
background image
LTC3882-1
8
Rev A
For more information www.analog.com
ELECTRICAL CHARACTERISTICS
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LTC3882-1 is tested under pulsed load conditions such that
TJ ≈ TA. The LTC3882-1E is guaranteed to meet performance specifications
from 0°C to 85°C. Specifications over the –40°C to 125°C operating
junction temperature range are assured by design, characterization and
correlation with statistical process controls. The LTC3882-1I is guaranteed
over the full –40°C to 125°C operating junction temperature range.
Junction temperature TJ is calculated in °C from the ambient temperature
TA and power dissipation PD according to the formula:
TJ = TA + (PD • θJA)
where θJA is the package thermal impedance. Note that the maximum
ambient temperature consistent with these specifications is determined by
specific operating conditions in conjunction with board layout, the rated
package thermal impedance and other environmental factors. Refer to the
Applications Information section.
Note 3: This IC includes overtemperature protection that is intended to
protect the device during momentary overload conditions. The maximum
rated junction temperature will be exceeded when this protection is active.
Continuous operation above the specified absolute maximum operating
junction temperature may impair device reliability or permanently damage
the device.
Note 4: EEPROM endurance, retention and mass write times are
guaranteed by design, characterization and correlation with statistical
process controls. Minimum retention applies only for devices cycled less
than the minimum endurance specification. EEPROM read commands
(e.g. RESTORE_USER_ALL) are valid over the entire specified operating
junction temperature range.
Note 5: All currents into device pins are positive; all currents out of device
pins are negative. All voltages are referenced to GND unless otherwise
specified.
Note 6: Minimum EEPROM endurance, retention and mass write time
specifications apply when writing data with 3.15V ≤ VDD33 ≤ 3.45V.
EEPROM read commands are valid over the entire specified VDD33
operating range.
Note 7: Specified VOUT error with AVP = 0% requires servo mode to be
set with MFR_PWM_MODE_LTC3882-1 command bit 6. Performance is
guaranteed by testing the LTC3882-1 in a feedback loop that servos VOUT
to a specified value.
Note 8: ADC tested with PWMs disabled. Comparable capability
demonstrated by in-circuit evaluations. Total Unadjusted Error includes all
gain and linearity errors, as well as offsets.
Note 9: Internal 32-bit calculations using 16-bit ADC results are limited to
10-bit resolution by PMBus Linear 11-bit data format.
Note 10: Limits guaranteed by TSNS voltage and current measurements
during test, including ADC readback.
Note 11: Data conversion is done in round robin fashion. All inputs signals
are continuously scanned in sequence resulting in a typical conversion
latency of 90ms.
Note 12: Guaranteed by design.
Note 13: Do not apply a voltage or current source directly to these pins.
They should only be connected to passive RC loads, otherwise permanent
damage may occur.
Note 14: Do not apply a voltage source to this pin unless shorted to VCC.
See Electrical Characteristics for applicable limits beyond which permanent
damage may occur.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com