Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4449 Datasheet(PDF) 24 Page - Linear Technology

Part # LTC4449
Description  Dual Output PolyPhase Step-Down DC/DC Voltage Mode Controller with Digital Power System Management
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4449 Datasheet(HTML) 24 Page - Linear Technology

Back Button LTC4449 Datasheet HTML 20Page - Linear Technology LTC4449 Datasheet HTML 21Page - Linear Technology LTC4449 Datasheet HTML 22Page - Linear Technology LTC4449 Datasheet HTML 23Page - Linear Technology LTC4449 Datasheet HTML 24Page - Linear Technology LTC4449 Datasheet HTML 25Page - Linear Technology LTC4449 Datasheet HTML 26Page - Linear Technology LTC4449 Datasheet HTML 27Page - Linear Technology LTC4449 Datasheet HTML 28Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 108 page
background image
LTC3882-1
24
Rev A
For more information www.analog.com
OPERATION
The PHAS_CFG pin settings are described in Table 10.
This pin selects the phase relationships between the two
channels and the selected clock source.
Internal EEPROM with CRC and ECC
The LTC3882-1 contains internal EEPROM with Error
Correcting Coding (ECC) to store user configuration set-
tings and fault log information. EEPROM endurance and
retention for user space and fault log pages are specified
in the Absolute Maximum Ratings and Electrical Charac-
teristics table.
TheintegrityoftheentireonboardEEPROMischeckedwith
a CRC calculation each time its data is to be read, such as
after a power-on reset or execution of a RESTORE_USER_
ALL command. If a CRC error occurs, the CML bit is set
in the STATUS_BYTE and STATUS_WORD commands, the
EEPROM CRC Error bit in the STATUS_MFR_SPECIFIC
command is set, and the ALERT and RUN pins pulled
low (PWM channels off). At that point the device will only
respond at special address 0x7C, which is activated only
after an invalid CRC has been detected. The chip will also
respond at the global addresses 0x5A and 0x5B, but use
of these addresses when attempting to recover from a
CRC issue is not recommended. All power supply rails
associated with either PWM channel of a device reporting
an invalid CRC should remain disabled until the issue is
resolved.
LTC recommends that the EEPROM not be written when
die temperature is greater than 85°C. If internal die tem-
perature exceeds 130°C, all EEPROM operations except
RESTORE_USER_ALL and MFR_RESET are disabled. Full
EEPROM operation is not re-enabled until die temperature
falls below 125°C. Refer to the Applications Information
section for equations to predict retention degradation due
to elevated operating temperatures.
See the Applications Information section or contact the
factoryfordetailsonefficientin-systemEEPROMprogram-
ming, including bulk EEPROM programming, which the
LTC3882-1 also supports.
Fault Detection
A variety of fault and warning detection, reporting and
handling mechanisms are provided by the LTC3882-1.
Fault or warning detection capabilities include:
• Input Under/Overvoltage
• Output Under/Overvoltage
• Output Overcurrent (Peak and Average)
• Internal and External Overtemperature and External
Undertemperature
• CML Fault (Communication, Memory, or Logic)
• External Fault Detection via Bidirectional FAULT Pins
Reporting is covered in following sections on status com-
mands (registers) and ALERT pin function. Fault handling
mechanisms include hardwired, low-level PWM safety
responses that always occur, and higher-level program-
mable event management. Both types are covered in the
following sections.
Input Supply Faults
Input undervoltage and overvoltage limits are determined
from multiplexed monitor ADC conversions. Therefore the
input UV/OV response is naturally deglitched by the 90ms
typical conversion cycle of the ADC. There is no hardwired
low-level PWM response for any input supply fault.
Hardwired PWM Response to VOUT Faults
VOUT undervoltage (UV) and overvoltage (OV) faults are
detected by supervisor comparators. The OV and UV fault
limits can be set in three ways:
• As a Percentage of VOUT if Using the Resistor Configu-
ration Pins
• From Stored EEPROM Values
• By PMBus Command
Theoutputovervoltagecomparatorguardsagainsttransient
overshootsaswellaslongtermovervoltagesattheoutput.
When an output OV fault is detected the top MOSFET for
that channel is commanded off and the bottom MOSFET is
commanded on until the overvoltage condition is cleared



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com