Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2876 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC2876
Description  짹60V Rugged PROFIBUS RS485 Transceivers
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2876 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC2876 Datasheet HTML 4Page - Linear Technology LTC2876 Datasheet HTML 5Page - Linear Technology LTC2876 Datasheet HTML 6Page - Linear Technology LTC2876 Datasheet HTML 7Page - Linear Technology LTC2876 Datasheet HTML 8Page - Linear Technology LTC2876 Datasheet HTML 9Page - Linear Technology LTC2876 Datasheet HTML 10Page - Linear Technology LTC2876 Datasheet HTML 11Page - Linear Technology LTC2876 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
LTC2876/LTC2877
8
28767fa
For more information www.linear.com/LTC2876
Typical perForMance characTerisTics
Receiver Propagation Delay
vs Temperature
Receiver Propagation Delay
Difference vs Temperature
Receiver Output Voltage
vs Output Current (Source and Sink)
Receiver Output Voltage
vs VL Voltage (LTC2877)
PROFIBUS Operation at 12Mbps
VCC = 5V
RS485 Operation at 20Mbps
VCC = 3.3V
Driver Propagation Delay
vs Temperature
Driver Output Skew
vs Temperature
Driver Output Propagation Delay
Difference vs Temperature
TA = 25°C. VCC = VL = 5V, unless otherwise noted. (Note 2)
VCC = 3.3V
VCC = 5V
TEMPERATURE (°C)
–50 –25
0
25
50
75 100 125 150
0
3
6
9
12
15
18
21
24
27
30
28767 G10
VCC = 3.3V
VCC = 5V
TEMPERATURE (°C)
–50 –25
0
25
50
75 100 125 150
–5
–4
–3
–2
–1
0
1
2
3
4
5
28767 G11
VCC = 3.3V
VCC = 5V
TEMPERATURE (°C)
–50 –25
0
25
50
75 100 125 150
–5
–4
–3
–2
–1
0
1
2
3
4
5
28767 G12
VCC = 3.3V
VCC = 5V
TEMPERATURE (°C)
–50 –25
0
25
50
75 100 125 150
40
45
50
55
60
28767 G13
VCC = 3.3V
VCC = 5V
TEMPERATURE (°C)
–50 –25
0
25
50
75 100 125 150
–5
–4
–3
–2
–1
0
1
2
3
4
5
28767 G14
OUTPUT CURRENT (ABSOLUTE VALUE, mA)
0
0
3
2
1
4
5
6
2
4
6
28767 G15
8
VL = 5.5V
VL = 3.3V
VL = 2.25V
VL = 1.65V
VL = 1.65V TO 5.5V
VOL
for I(RO) = +2mA
VL–VOH for I(RO) = –2mA
VOL
for I(RO) = +3mA
VL–VOH for I(RO) = –3mA
VL (V)
1.5
2.5
3.5
4.5
5.5
0
100
200
300
400
28767 G16
RCABLE = 0Ω (Fig. 1)
DOUBLE PROFIBUS TERMINATION
50ns/DIV
DI
5V/DIV
PA
1V/DIV
PB
1V/DIV
28767 G17
RLDIFF = 54Ω; CL=100pF (Fig. 5)
20ns/DIV
DI
2V/DIV
PA
0.5V/DIV
PB
0.5V/DIV
28767 G18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com