Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2876 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC2876
Description  짹60V Rugged PROFIBUS RS485 Transceivers
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2876 Datasheet(HTML) 2 Page - Linear Technology

  LTC2876 Datasheet HTML 1Page - Linear Technology LTC2876 Datasheet HTML 2Page - Linear Technology LTC2876 Datasheet HTML 3Page - Linear Technology LTC2876 Datasheet HTML 4Page - Linear Technology LTC2876 Datasheet HTML 5Page - Linear Technology LTC2876 Datasheet HTML 6Page - Linear Technology LTC2876 Datasheet HTML 7Page - Linear Technology LTC2876 Datasheet HTML 8Page - Linear Technology LTC2876 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
LTC2876/LTC2877
2
28767fa
For more information www.linear.com/LTC2876
absoluTe MaxiMuM raTings
Supply Voltages (VCC, VL)............................ –0.3V to 6V
Logic Input Voltages (RE, DE, DI) ................ –0.3V to 6V
Line Interface I/O (PA, PB).......................... –60V to 60V
Line Interface I/O Difference (PB–PA) .....–120V to 120V
Receiver Output (RO)
LTC2876 ......................................–0.3V to VCC + 0.3V
LTC2877 ....................................... –0.3V to VL + 0.3V
(Notes 1, 2)
Operating Ambient Temperature Range (Note 3)
LTC287xC ................................................ 0°C to 70°C
LTC287xI..............................................–40°C to 85°C
LTC287xH .......................................... –40°C to 125°C
Storage Temperature Range .................. –65°C to 150°C
Lead Temperature (Soldering, 10sec)....................300°C
LTC2876
LTC2876
TOP VIEW
DD PACKAGE
8-LEAD (3mm × 3mm) PLASTIC DFN
5
6
7
8
9
GND
4
3
2
1
RO
RE
DE
DI
VCC
PA
PB
GND
TJMAX = 150°C, θJA = 43°C/W, θJC = 5.5°C/W
EXPOSED PAD (PIN 9) IS GND, MUST BE SOLDERED TO PCB
1
2
3
4
RO
RE
DE
DI
8
7
6
5
VCC
PA
PB
GND
TOP VIEW
9
GND
MS8E PACKAGE
8-LEAD PLASTIC MSOP
TJMAX = 150°C, θJA = 40°C/W, θJC = 10°C/W
EXPOSED PAD (PIN 9) IS GND, MUST BE SOLDERED TO PCB
LTC2877
LTC2877
TOP VIEW
11
GND
DD PACKAGE
10-LEAD (3mm × 3mm) PLASTIC DFN
10
9
6
7
8
4
5
3
2
1
VCC
PA
PB
NC
GND
RO
RE
DE
DI
VL
TJMAX = 150°C, θJA = 43°C/W, θJC = 5.5°C/W
EXPOSED PAD (PIN 11) IS GND, MUST BE SOLDERED TO PCB
1
2
3
4
5
RO
RE
DE
DI
VL
10
9
8
7
6
VCC
PA
PB
NC
GND
TOP VIEW
11
GND
MSE PACKAGE
10-LEAD PLASTIC MSOP
TJMAX = 150°C, θJA = 40°C/W, θJC = 10°C/W
EXPOSED PAD (PIN 11) IS GND, MUST BE SOLDERED TO PCB
pin conFiguraTion



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com