Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2876 Datasheet(PDF) 25 Page - Linear Technology

Part # LTC2876
Description  짹60V Rugged PROFIBUS RS485 Transceivers
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2876 Datasheet(HTML) 25 Page - Linear Technology

Back Button LTC2876 Datasheet HTML 21Page - Linear Technology LTC2876 Datasheet HTML 22Page - Linear Technology LTC2876 Datasheet HTML 23Page - Linear Technology LTC2876 Datasheet HTML 24Page - Linear Technology LTC2876 Datasheet HTML 25Page - Linear Technology LTC2876 Datasheet HTML 26Page - Linear Technology LTC2876 Datasheet HTML 27Page - Linear Technology LTC2876 Datasheet HTML 28Page - Linear Technology LTC2876 Datasheet HTML 29Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 32 page
background image
LTC2876/LTC2877
25
28767fa
For more information www.linear.com/LTC2876
applicaTions inForMaTion
Figure 19. Complete Configuration for PROFIBUS Operation Using the (a) LTC2876, or (b) LTC2877 and
(c) the Cable with Termination Resistors
SENSOR
1µF
VCC
4.5V to 5.5V
0.1µF
1µF
28767 F18
VCC
VCC
DI
RE
RO
DE
PA
PB
LTC2876
µC
5
6
3
8
9-PIN D-SUB
CONNECTOR
(FEMALE)
1
GND
(a)
(b)
GND
PA
PB
SENSOR
VCC
4.5V to 5.5V
1.65V to 5.5V
VCC
VCC
VL
VL
DI
RE
RO
DE
PA
PB
LTC2877
µC
5
6
3
8
9-PIN D-SUB
CONNECTOR
(FEMALE)
1
GND
GND
PA
PB
SHIELD
PROFIBUS CABLE
(ZO = 150Ω)
TERMINATION RESISTOR STRINGS
SWITCHED IN TO SIGNAL LINES
IF LOCATED AT BUS END
B
A
390
390
220
9-PIN D-SUB
CONNECTOR
(MALE)
9-PIN D-SUB
CONNECTOR
(MALE)
5
6
3
8
1
5
6
3
8
1
390
390
220
(c)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com